Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM3V0 Datasheet(PDF) 3 Page - Suntan Capacitors

Part # ZMM3V0
Description  In MiniMELF case especially for automatic insertion
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

ZMM3V0 Datasheet(HTML) 3 Page - Suntan Capacitors

  ZMM3V0 Datasheet HTML 1Page - Suntan Capacitors ZMM3V0 Datasheet HTML 2Page - Suntan Capacitors ZMM3V0 Datasheet HTML 3Page - Suntan Capacitors ZMM3V0 Datasheet HTML 4Page - Suntan Capacitors ZMM3V0 Datasheet HTML 5Page - Suntan Capacitors ZMM3V0 Datasheet HTML 6Page - Suntan Capacitors ZMM3V0 Datasheet HTML 7Page - Suntan Capacitors ZMM3V0 Datasheet HTML 8Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Suntan®
Silicon Epitaxial Planar Zener Diodes ZMM1...ZMM75
Characteristics at Ta=25℃
Zener Voltage Range 1)
Dynamic Resistance
Reverse Leakage Current
Vznom
VZT
at IZT
ZZT
ZZk
at
IZK
Ta = 25℃
Ta = 125℃
IR at VR
Temp. Coefficient
of Zener Voltage
TYPE
(V)
(V)
(mA)
Max. (Ω)
Max. (Ω)
(mA)
Max. (µA)
Max. (µA)
(V)
TKvz (%/K)
ZMM47
47
44…50
2.5
110
600
0.5
0.1
5
36
0.04…0.12
ZMM51
51
48…54
2.5
125
700
0.5
0.1
10
39
0.04…0.12
ZMM56
56
52…60
2.5
135
700
0.5
0.1
10
43
0.04…0.12
ZMM62
62
58…66
2.5
150
1000
0.5
0.1
10
47
0.04…0.12
ZMM68
68
64…72
2.5
200
1000
0.5
0.1
10
51
0.04…0.12
ZMM75
75
70…79
2.5
250
1000
0.5
0.1
10
56
0.04…0.12
1) Tested with pulses tp = 20 ms.
2) The ZMM1 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of "Z".
Connect the cathode electrode to the negative pole.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - ZMM3V0

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZMM3V0 DIODES-ZMM3V0 Datasheet
59Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS18005 Rev. H-3
logo
Bytesonic Electronics C...
ZMM3V0 BYTESONIC-ZMM3V0 Datasheet
481Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
ZMM3V0 SEMTECH_ELEC-ZMM3V0 Datasheet
456Kb / 8P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Leiditech Elec...
ZMM3V0 LEIDITECH-ZMM3V0 Datasheet
592Kb / 4P
   MiniMELF case especially for automatic insertion
logo
PACELEADER INDUSTRIAL
ZMM3V0 PACELEADER-ZMM3V0 Datasheet
268Kb / 8P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - ZMM3V0

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ZMM1 LEIDITECH-ZMM1 Datasheet
592Kb / 4P
   MiniMELF case especially for automatic insertion
logo
Suntan Capacitors
LL4148 SUNTAN-LL4148 Datasheet
683Kb / 4P
   Fast switching diode in MiniMELF case especially suited
logo
Olitech Electronics Co....
LLDB3 OLITECH-LLDB3 Datasheet
295Kb / 2P
   Glass Case MiniMELF
logo
Ohmite Mfg. Co.
RES-FCSL OHMITE-RES-FCSL Datasheet
526Kb / 2P
   Designed for automatic insertion
RES-HVF OHMITE-RES-HVF Datasheet
404Kb / 2P
   Designed for automatic insertion
logo
Nanjing International G...
BC856A DGNJDZ-BC856A Datasheet
727Kb / 2P
   Ideally suited for automatic insertion
logo
Rectron Semiconductor
BC846V RECTRON-BC846V Datasheet
450Kb / 6P
   Ideally suited for automatic insertion
BC856V RECTRON-BC856V Datasheet
518Kb / 6P
   Ideally suited for automatic insertion
logo
MAKO SEMICONDUCTOR CO.,...
BC807-16 MAKOSEMI-BC807-16 Datasheet
113Kb / 2P
   Ldeally suited for automatic insertion
logo
Nanjing International G...
BC847 DGNJDZ-BC847 Datasheet
228Kb / 3P
   Ideally suited for automatic insertion
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com