Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM3V0 Datasheet(PDF) 2 Page - Suntan Capacitors

Part # ZMM3V0
Description  In MiniMELF case especially for automatic insertion
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

ZMM3V0 Datasheet(HTML) 2 Page - Suntan Capacitors

  ZMM3V0 Datasheet HTML 1Page - Suntan Capacitors ZMM3V0 Datasheet HTML 2Page - Suntan Capacitors ZMM3V0 Datasheet HTML 3Page - Suntan Capacitors ZMM3V0 Datasheet HTML 4Page - Suntan Capacitors ZMM3V0 Datasheet HTML 5Page - Suntan Capacitors ZMM3V0 Datasheet HTML 6Page - Suntan Capacitors ZMM3V0 Datasheet HTML 7Page - Suntan Capacitors ZMM3V0 Datasheet HTML 8Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Suntan®
Silicon Epitaxial Planar Zener Diodes ZMM1...ZMM75
Zener Voltage Range 1)
Dynamic Resistance
Reverse Leakage Current
Vznom
VZT
at IZT
ZZT
ZZk
at
IZK
Ta = 25℃
Ta = 125℃
at VR
Temp. Coefficient
of Zener Voltage
TYPE
(V)
(V)
(mA)
Max. (Ω)
Max. (Ω)
(mA)
Max. (µA)
Max. (µA)
(V)
TKvz (%/K)
ZMM1 2)
0.75
0.7...0.8
5
8
50
1
-
-
-
-0.26...-0.23
ZMM2V0
2
1.8…2.15
5
85
600
1
100
200
1
-0.09…-0.06
ZMM2V2
2.2
2.08…2.33
5
85
600
1
75
160
1
-0.09…-0.06
ZMM2V4
2.4
2.28…2.56
5
85
600
1
50
100
1
-0.09…-0.06
ZMM2V7
2.7
2.5…2.9
5
85
600
1
10
50
1
-0.09…-0.06
ZMM3V0
3
2.8…3.2
5
85
600
1
4
40
1
-0.08…-0.05
ZMM3V3
3.3
3.1…3.5
5
85
600
1
2
40
1
-0.08…-0.05
ZMM3V6
3.6
3.4…3.8
5
85
600
1
2
40
1
-0.08…-0.05
ZMM3V9
3.9
3.7…4.1
5
85
600
1
2
40
1
-0.08…-0.05
ZMM4V3
4.3
4…4.6
5
75
600
1
1
20
1
-0.06…-0.03
ZMM4V7
4.7
4.4…5
5
60
600
1
0.5
10
1
-0.05…+0.02
ZMM5V1
5.1
4.8…5.4
5
35
550
1
0.1
2
1
-0.02…+0.02
ZMM5V6
5.6
5.2…6
5
25
450
1
0.1
2
1
-0.05…+0.05
ZMM6V2
6.2
5.8…6.6
5
10
200
1
0.1
2
2
0.03…0.06
ZMM6V8
6.8
6.4…7.2
5
8
150
1
0.1
2
3
0.03…0.07
ZMM7V5
7.5
7…7.9
5
7
50
1
0.1
2
5
0.03…0.07
ZMM8V2
8.2
7.7…8.7
5
7
50
1
0.1
2
6.2
0.03…0.08
ZMM9V1
9.1
8.5…9.6
5
10
50
1
0.1
2
6.8
0.03…0.09
ZMM10
10
9.4…10.6
5
15
70
1
0.1
2
7.5
0.03…0.1
ZMM11
11
10.4…11.6
5
20
70
1
0.1
2
8.2
0.03…0.11
ZMM12
12
11.4…12.7
5
20
90
1
0.1
2
9.1
0.03…0.11
ZMM13
13
12.4…14.1
5
26
110
1
0.1
2
10
0.03…0.11
ZMM15
15
13.8…15.6
5
30
110
1
0.1
2
11
0.03…0.11
ZMM16
16
15.3…17.1
5
40
170
1
0.1
2
12
0.03…0.11
ZMM18
18
16.8…19.1
5
50
170
1
0.1
2
13
0.03…0.11
ZMM20
20
18.8…21.2
5
55
220
1
0.1
2
15
0.03…0.11
ZMM22
22
20.8…23.3
5
55
220
1
0.1
2
16
0.04…0.12
ZMM24
24
22.8…25.6
5
80
220
1
0.1
2
18
0.04…0.12
ZMM27
27
25.1…28.9
5
80
220
1
0.1
2
20
0.04…0.12
ZMM30
30
28…32
5
80
220
1
0.1
2
22
0.04…0.12
ZMM33
33
31…35
5
80
220
1
0.1
2
24
0.04…0.12
ZMM36
36
34…38
5
80
220
1
0.1
2
27
0.04…0.12
ZMM39
39
37…41
2.5
90
500
0.5
0.1
5
30
0.04…0.12
ZMM43
43
40…46
2.5
90
500
0.5
0.1
5
33
0.04…0.12
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - ZMM3V0

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZMM3V0 DIODES-ZMM3V0 Datasheet
59Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS18005 Rev. H-3
logo
Bytesonic Electronics C...
ZMM3V0 BYTESONIC-ZMM3V0 Datasheet
481Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
ZMM3V0 SEMTECH_ELEC-ZMM3V0 Datasheet
456Kb / 8P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Leiditech Elec...
ZMM3V0 LEIDITECH-ZMM3V0 Datasheet
592Kb / 4P
   MiniMELF case especially for automatic insertion
logo
PACELEADER INDUSTRIAL
ZMM3V0 PACELEADER-ZMM3V0 Datasheet
268Kb / 8P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - ZMM3V0

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ZMM1 LEIDITECH-ZMM1 Datasheet
592Kb / 4P
   MiniMELF case especially for automatic insertion
logo
Suntan Capacitors
LL4148 SUNTAN-LL4148 Datasheet
683Kb / 4P
   Fast switching diode in MiniMELF case especially suited
logo
Olitech Electronics Co....
LLDB3 OLITECH-LLDB3 Datasheet
295Kb / 2P
   Glass Case MiniMELF
logo
Ohmite Mfg. Co.
RES-FCSL OHMITE-RES-FCSL Datasheet
526Kb / 2P
   Designed for automatic insertion
RES-HVF OHMITE-RES-HVF Datasheet
404Kb / 2P
   Designed for automatic insertion
logo
Nanjing International G...
BC856A DGNJDZ-BC856A Datasheet
727Kb / 2P
   Ideally suited for automatic insertion
logo
Rectron Semiconductor
BC846V RECTRON-BC846V Datasheet
450Kb / 6P
   Ideally suited for automatic insertion
BC856V RECTRON-BC856V Datasheet
518Kb / 6P
   Ideally suited for automatic insertion
logo
MAKO SEMICONDUCTOR CO.,...
BC807-16 MAKOSEMI-BC807-16 Datasheet
113Kb / 2P
   Ldeally suited for automatic insertion
logo
Nanjing International G...
BC847 DGNJDZ-BC847 Datasheet
228Kb / 3P
   Ideally suited for automatic insertion
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com