Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC8V-T2A Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # CC8V-T2A
Description  Tuning Fork Crystal 32.768 kHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

CC8V-T2A Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  CC8V-T2A Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND CC8V-T2A Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 0.90/04.2016
Micro Crystal AG
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 82 83
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
TERMINATIONS AND
PROCESSING:
Type
Termination
Processing
CC8V-T1A
For SMD mounting
Au plated pads
Reflow soldering
260°C / 20 s max.
CC8V-T2A
Sn/Pb plated pads
available on request
Reflow soldering
260°C / 20 s max.
All specifications subject to change without notice.
ENVIRONMENTAL
CHARACTERISTICS:
Conditions
Max. Dev.
Storage temp. range
–55 to +125°C
TA Operating temperature range
–40 to +85°C
TB Extended oper. temp. range
-40 to +125°C
Shock resistance
F/F 5000 g, 0.3 ms, ½ sine +/-5 ppm
Vibration resistance
F/F
20 g / 10–2000 Hz
+/-5 ppm
STANDARD FREQUENCIES:
Frequency
kHz
32.768
PRODUCT DESCRIPTION AND
ORDERING INFORMATION:
A unique part number will be generated for each product specification, i.e:
20xxxx-MC01
1'000 pcs
(in 8mm tape on 7" reel)
20xxxx-MC03
3'000 pcs
(in 8mm tape on 7" reel)
Please contact us.
CC8V–T1A 32.768kHz 9.0 pF +/-20ppm
TA QM
CL Load Capacitance
Frequency tolerance
Frequency FL
7.0 pF
9.0 pF
+/- 20 ppm
+/- 100 ppm
Temperature Range
TA = - 40 to 85°C (Standard)
Optional:
if not defined,
‚Standard‘ will apply
Qualification
= Commercial (Standard)
QC
TB = - 40 to +125°C
= Automotive AEC-Q200
QA
= Medical
QM


Similar Part No. - CC8V-T2A

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CC8V-T1A MICROCRYSTAL-CC8V-T1A Datasheet
1,004Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CC8V-T1A MICROCRYSTAL-CC8V-T1A Datasheet
997Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CC8V-T1A MICROCRYSTAL-CC8V-T1A_17 Datasheet
1,004Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CC8V-T1A MICROCRYSTAL-CC8V-T1A_18 Datasheet
997Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CC8V-T5A MICROCRYSTAL-CC8V-T5A Datasheet
1,004Kb / 2P
   Tuning Fork Crystal 32.768 kHz
More results

Similar Description - CC8V-T2A

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CC7V-T1A MICROCRYSTAL-CC7V-T1A Datasheet
124Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM7V-T1ALOWESR MICROCRYSTAL-CM7V-T1ALOWESR_16 Datasheet
257Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM8V-T1A0.3 MICROCRYSTAL-CM8V-T1A0.3_17 Datasheet
808Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM7V-T1A_0.3 MICROCRYSTAL-CM7V-T1A_0.3 Datasheet
115Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM8V-T1A MICROCRYSTAL-CM8V-T1A_18 Datasheet
811Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CC8V-T1A MICROCRYSTAL-CC8V-T1A_17 Datasheet
1,004Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM7V-T1A MICROCRYSTAL-CM7V-T1A_16 Datasheet
255Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM9V-T1A MICROCRYSTAL-CM9V-T1A_16 Datasheet
286Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM7V-T1A0.4 MICROCRYSTAL-CM7V-T1A0.4 Datasheet
191Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM9V-T1A0.3 MICROCRYSTAL-CM9V-T1A0.3 Datasheet
809Kb / 2P
   Tuning Fork Crystal 32.768 kHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com