Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMDJ22CA Datasheet(PDF) 4 Page - Nanjing International Group Co

Part # 5.0SMDJ22CA
Description  Plastic material has UL flammability classification 94V-O
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

5.0SMDJ22CA Datasheet(HTML) 4 Page - Nanjing International Group Co

  5.0SMDJ22CA Datasheet HTML 1Page - Nanjing International Group Co 5.0SMDJ22CA Datasheet HTML 2Page - Nanjing International Group Co 5.0SMDJ22CA Datasheet HTML 3Page - Nanjing International Group Co 5.0SMDJ22CA Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5.0SMDJ12A/CA~~ 5.0SMDJ45A/CA
Package Outline Dimensions and Pad Layouts
DO-214AB (SMC)


Similar Part No. - 5.0SMDJ22CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
5.0SMDJ22CA MDE-5.0SMDJ22CA Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
5.0SMDJ22CA CHENDA-5.0SMDJ22CA Datasheet
2Mb / 3P
   5.0-170 Volts Peak pulse power: 5000 Watts
logo
Bourns Electronic Solut...
5.0SMDJ22CA BOURNS-5.0SMDJ22CA Datasheet
202Kb / 6P
   5.0SMDJ Transient Voltage Suppressor Diode Series
REV. 03/20
logo
Littelfuse
5.0SMDJ22CA LITTELFUSE-5.0SMDJ22CA Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
Yangzhou yangjie electr...
5.0SMDJ22CA YANGJIE-5.0SMDJ22CA Datasheet
202Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - 5.0SMDJ22CA

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURF3020 SMC-SDURF3020 Datasheet
206Kb / 5P
   Plastic Material has UL Flammability Classification 94V-O
MUR3020WT SMC-MUR3020WT Datasheet
260Kb / 6P
   Plastic Material has UL Flammability Classification 94V-O
SMBJ SMC-SMBJ Datasheet
277Kb / 8P
   Plastic Case Material has UL Flammability Classification Rating 94V-O
SMDJ SMC-SMDJ Datasheet
255Kb / 6P
   Plastic Case Material has UL Flammability Classification Rating 94V-O
logo
SEMTECH ELECTRONICS LTD...
1.5KE SEMTECH_ELEC-1.5KE Datasheet
528Kb / 4P
   Plastic package has UL flammability Classification 94V-0
logo
First Silicon Co., Ltd
GBU4A FS-GBU4A Datasheet
158Kb / 2P
   Plastic material has Underwriters Laboratory Flammability Classification 94V-0
GBJ8A FS-GBJ8A Datasheet
202Kb / 2P
   Plastic material has Underwriters Laboratory Flammability Classification 94V-0
GBU4005 FS-GBU4005 Datasheet
217Kb / 2P
   Plastic material has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR1680FCT KERSEMI-MBR1680FCT Datasheet
1Mb / 2P
   Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
MBR1650FCT KERSEMI-MBR1650FCT Datasheet
1Mb / 2P
   Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com