Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M100-010-WH Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # M100-010-WH
Description  USB Sync/Charge Cable with Lightning Connector, White, 10 ft. (3 m)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

M100-010-WH Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  M100-010-WH Datasheet HTML 1Page - Tripp Lite. All Rights Reserved M100-010-WH Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB Sync/Charge Cable with Lightning Connector,
White, 10 ft. (3 m)
MODEL NUMBER: M100-010-WH
Description
The M100-010-WH USB Sync/Charge Cable connects your latest generation iPhone, iPad or iPod to the USB
port on any computer, so you can charge your Apple device and transfer data. The 10-foot cable is MFi-certified
for use with iPhone, iPad and iPod devices. It’s compatible with iPhone (5, 5c, 5s, 6, 6 Plus), iPad (4th
generation), iPad mini, iPad mini 2, iPad mini 3, iPad Air, iPad Air 2, iPod Touch (5th generation) and iPod nano
(7th generation). Reversible 8-pin Lightning connector plugs into your Apple device in either direction.
Features
Syncs and Charges Your Apple 8-Pin Electronic DevicesMFi-certified for use with iPhone, iPad and iPod devices
Compatible with iPhone (5, 5c, 5s, 6, 6 Plus), iPad (4th generation), iPad mini, iPad mini 2, iPad mini 3, iPad Air, iPad Air 2, iPod Touch (5th generation)
and iPod nano (7th generation)
Compact and Convenient to Use
Connects your 8-pin iPhone, iPad or iPod device and the USB port on your computer or wall charger
Compatible with all computers
Reversible Lightning connector plugs into your Apple device in either direction
Specifications
INPUT
Cable Length (ft.)
10
Cable Length (m)
0.24
Cable Length (in.)
10
Highlights
Features a reversible 8-pin
Lightning plug and a USB-A
plugWorks with any computer
MFi-certified for use with iPhone,
iPad and iPod devices
Compatible with all devices with
8-pin connectors
Plugs into Apple device in either
direction
System Requirements
USB-equipped computer or
chargeriPhone (5, 5c, 5s, 6, 6
Plus), iPad (4th generation), iPad
mini, iPad mini 2, iPad mini 3,
iPad Air, iPad Air 2, iPod Touch
(5th generation) or iPod nano
(7th generation)
Package Includes
M100-010-WH USB Sync/Charge
Cable with Apple Lightning
Connector
1 / 2


Similar Part No. - M100-010-WH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
M100-010-BK TRIPPLITE-M100-010-BK Datasheet
480Kb / 2P
   USB Sync/Charge Cable with Lightning Connector, Black, 10 ft. (3 m)
M100-010-GY-MAX TRIPPLITE-M100-010-GY-MAX Datasheet
175Kb / 3P
   Heavy-Duty USB Sync / Charge Cable with Lightning Connector - M/M, USB 2.0, UHMWPE and Aramid Fibers, Gray, 10 ft. (3 m)
M100-010-HD TRIPPLITE-M100-010-HD Datasheet
167Kb / 3P
   Heavy-Duty USB Sync/Charge Cable with Lightning Connector, 10 ft. (3 m)
More results

Similar Description - M100-010-WH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
M100-010-BK TRIPPLITE-M100-010-BK Datasheet
480Kb / 2P
   USB Sync/Charge Cable with Lightning Connector, Black, 10 ft. (3 m)
M100003WH TRIPPLITE-M100003WH Datasheet
479Kb / 2P
   White USB Sync - Charge Cable with Lightning Connector, 3-ft. (1M)
M100-003-WH TRIPPLITE-M100-003-WH Datasheet
476Kb / 2P
   USB Sync / Charge Cable with Lightning Connector - White , 3-ft. (1M)
M100-010-HD TRIPPLITE-M100-010-HD Datasheet
167Kb / 3P
   Heavy-Duty USB Sync/Charge Cable with Lightning Connector, 10 ft. (3 m)
M102-003-WH TRIPPLITE-M102-003-WH Datasheet
161Kb / 3P
   USB-C Sync / Charge Cable with Lightning Connector - M/M, USB 2.0, White, 3 ft. (0.9 m)
M100-006-WH TRIPPLITE-M100-006-WH Datasheet
477Kb / 2P
   USB Sync / Charge Cable with Lightning Connector - White, 6-ft. (1.8M)
M100006WH TRIPPLITE-M100006WH Datasheet
480Kb / 2P
   White USB Sync - Charge Cable with Lightning Connector, 6-ft. (1.8M)
M100-003-HD TRIPPLITE-M100-003-HD Datasheet
165Kb / 3P
   Heavy-Duty USB Sync/Charge Cable with Lightning Connector, 3 ft. (0.9 m)
M100003BK TRIPPLITE-M100003BK Datasheet
471Kb / 2P
   Black USB Sync - Charge Cable with Lightning Connector, 3-ft. (1M)
M100-003-BK TRIPPLITE-M100-003-BK Datasheet
468Kb / 2P
   USB Sync / Charge Cable with Lightning Connector - Black , 3-ft. (1M)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com