Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS28JC-2C Datasheet(PDF) 5 Page - Hirose Electric

Part # HS28JC-2C
Description  HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HS28JC-2C Datasheet(HTML) 5 Page - Hirose Electric

  HS28JC-2C Datasheet HTML 1Page - Hirose Electric HS28JC-2C Datasheet HTML 2Page - Hirose Electric HS28JC-2C Datasheet HTML 3Page - Hirose Electric HS28JC-2C Datasheet HTML 4Page - Hirose Electric HS28JC-2C Datasheet HTML 5Page - Hirose Electric HS28JC-2C Datasheet HTML 6Page - Hirose Electric HS28JC-2C Datasheet HTML 7Page - Hirose Electric HS28JC-2C Datasheet HTML 8Page - Hirose Electric HS28JC-2C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image


Similar Part No. - HS28JC-2C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS2-117EH-Q RENESAS-HS2-117EH-Q Datasheet
844Kb / 16P
   Radiation Hardened Adjustable Positive Voltage Regulator
Mar 28, 2019
logo
Intersil Corporation
HS2-117RH-8 INTERSIL-HS2-117RH-8 Datasheet
61Kb / 2P
   Radiation Hardened Adjustable Positive Voltage Regulator
logo
Renesas Technology Corp
HS2-117RH-8 RENESAS-HS2-117RH-8 Datasheet
844Kb / 16P
   Radiation Hardened Adjustable Positive Voltage Regulator
Mar 28, 2019
logo
Intersil Corporation
HS2-117RH-Q INTERSIL-HS2-117RH-Q Datasheet
61Kb / 2P
   Radiation Hardened Adjustable Positive Voltage Regulator
logo
Renesas Technology Corp
HS2-117RH-Q RENESAS-HS2-117RH-Q Datasheet
844Kb / 16P
   Radiation Hardened Adjustable Positive Voltage Regulator
Mar 28, 2019
More results

Similar Description - HS28JC-2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS25PE-10 ETC2-HS25PE-10 Datasheet
492Kb / 10P
   HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
HS21PA-2A ETC2-HS21PA-2A Datasheet
492Kb / 10P
   HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
logo
Hirose Electric
RM21TPA-15S HIROSE-RM21TPA-15S Datasheet
795Kb / 15P
   RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
RM21TPA-15S HIROSE-RM21TPA-15S_1 Datasheet
774Kb / 13P
   RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
logo
List of Unclassifed Man...
HR10-7P-6P ETC2-HR10-7P-6P Datasheet
1Mb / 23P
   HR10 SERIES SHELL SIZE 7mm PUSH-PULL CONNECTORS
logo
Hirose Electric
HR10A-7P-4PA HIROSE-HR10A-7P-4PA_1 Datasheet
1Mb / 20P
   HR10 SERIES SHELL SIZE 7mm PUSH-PULL CONNECTORS
JR16PA-10S HIROSE-JR16PA-10S Datasheet
497Kb / 12P
   JR SERIES SHELL SIZE 13-25 ALUMINUM CONNECTORS
JR16PA-10S HIROSE-JR16PA-10S_1 Datasheet
569Kb / 11P
   SHELL SIZE 13-25 ALUMINUM CONNECTORS
HR11-9BPA-6P HIROSE-HR11-9BPA-6P Datasheet
164Kb / 4P
   HR11 SERIES SHELL SIZE 9mm BAYONET LOCK CONNECTORS
HR10A-7P-4PA HIROSE-HR10A-7P-4PA Datasheet
923Kb / 22P
   HR10 SERIES SHELL SIZE 7mm PUSH-PULL CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com