Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6531CHTA5E Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PT7M6531CHTA5E
Description  Voltage Detector with Adjustable Delay Time
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6531CHTA5E Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PT7M6531CHTA5E Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6531CHTA5E Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6531CHTA5E Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6531CHTA5E Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6531CHTA5E Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6531CHTA5E Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6531CHTA5E Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6531CHTA5E Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2016-01-0031
PT0450-1
03/14/16
3
PT7M6518-6550(CL/CH /NL)
Voltage Detector with Adjustable Delay Time
AC Electrical Characteristics
PT7M65xxNL Timing diagram
(VCC = 1.2V to 5.5V, TA= -40~85ºC, unless otherwise noted. Typical values are at TA = +25ºC)
Sym.
Description
Test Conditions
Min.
Typ.
Max.
Unit
tPD
Reset active Propagation Delay
-
50
-
s
tdelay
Reset inactive delay time after
VCC >VTH+ (Reset Timeout Period).
-
Cd(F)×4
×10
6+40
-
s
Function Description
PT7M65xx has adjustable reset output delay time function throw Cd pin with cap. Internal 250nA sourcing will charge
the external cap throw Cd pin when VCC is rise above VTH+, and reset output will disalert after Cd pin voltage is
reaches 1V. This delay time is tdelay=Cd (µF) ×4×10
6µs +40µs. For example, if Cd=1nF, the t
delay=0.001×4×10
6 µs
+40µs=4040µs. Cd pin voltage will be discharged when reset output is assert ok at Vcc falls below Vth-, the discharge
resistance is about 200Ω.
VTH+
VTH-
tdelay
tPD
RST
VCC


Similar Part No. - PT7M6531CHTA5E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
PT7M65XXCHC4E DIODES-PT7M65XXCHC4E Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
PT7M65XXCHTA5E DIODES-PT7M65XXCHTA5E Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
PT7M65XXCHXVE DIODES-PT7M65XXCHXVE Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
PT7M65XXCLC4E DIODES-PT7M65XXCLC4E Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
More results

Similar Description - PT7M6531CHTA5E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
logo
Torex Semiconductor
XC6119 TOREX-XC6119 Datasheet
313Kb / 16P
   Voltage Detector with Delay Time Adjustable
XC6129 TOREX-XC6129 Datasheet
598Kb / 30P
   Voltage Detector with Delay Time Adjustable
logo
List of Unclassifed Man...
BD5260G ETC1-BD5260G Datasheet
387Kb / 4P
   VOLTAGE DETECTOR IC with adjustable delay time
logo
Rohm
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com