Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SMC22A Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 1.5SMC22A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

1.5SMC22A Datasheet(HTML) 1 Page - Nanjing International Group Co

  1.5SMC22A Datasheet HTML 1Page - Nanjing International Group Co 1.5SMC22A Datasheet HTML 2Page - Nanjing International Group Co 1.5SMC22A Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
■ 1500 Watt Peak Power
■ Dimension
Dim
Millimeters
Inches
Min
Max
Min
Max
A
6.60
7.11
0.260
0.280
B
5.59
6.22
0.220
0.245
C
2.90
3.20
0.114
0.126
D
0.125
0.305
0.006
0.012
E
7.75
8.13
0.305
0.320
F
----
0.203
----
0.008
G
2.06
2.62
0.079
0.103
H
0.76
1.52
0.030
0.060
SMC (DO-214AB)
■ Specification
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
1.5SMC6.8
1.5SMC6.8C
6V8
6V8C
5.50
6.12
7.48
10
10.8
140.7
1000.0
1.5SMC6.8A 1.5SMC6.8CA
6V8A
6V8CA
5.80
6.45
7.14
10
10.5
144.8
1000.0
1.5SMC7.5
1.5SMC7.5C
7V5
7V5C
6.05
6.75
8.25
10
11.7
129.9
500.0
1.5SMC7.5A 1.5SMC7.5CA
7V5A
7V5CA
6.40
7.13
7.88
10
11.3
134.5
500.0
1.5SMC8.2
1.5SMC8.2C
8V2
8V2C
6.63
7.38
9.02
10
12.5
121.6
200.0
1.5SMC8.2A 1.5SMC8.2CA
8V2A
8V2CA
7.02
7.79
8.61
10
12.1
125.6
200.0
1.5SMC9.1
1.5SMC9.1C
9V1
9V1C
7.37
8.19
10.0
1.0
13.8
110.1
50.0
1.5SMC9.1A 1.5SMC9.1CA
9V1A
9V1CA
7.78
8.65
9.55
1.0
13.4
113.4
50.0
1.5SMC10
1.5SMC10C
10
10C
8.10
9.00
11.0
1.0
15.0
101.3
10.0
1.5SMC10A
1.5SMC10CA
10A
10CA
8.55
9.50
10.5
1.0
14.5
104.8
10.0
1.5SMC11
1.5SMC11C
11
11C
8.92
9.90
12.1
1.0
16.2
93.8
5.0
1.5SMC11A
1.5SMC11CA
11A
11CA
9.40
10.5
11.6
1.0
15.6
97.4
5.0
1.5SMC12
1.5SMC12C
12
12C
9.72
10.8
13.2
1.0
17.3
87.9
5.0
1.5SMC12A
1.5SMC12CA
12A
12CA
10.2
11.4
12.6
1.0
16.7
91.0
5.0
1.5SMC13
1.5SMC13C
13
13C
10.5
11.7
14.3
1.0
19.0
80.0
5.0
1.5SMC13A
1.5SMC13CA
13A
13CA
11.1
12.4
13.7
1.0
18.2
83.5
5.0
1.5SMC15
1.5SMC15C
15
15C
12.1
13.5
16.5
1.0
22.0
69.1
5.0
1.5SMC15A
1.5SMC15CA
15A
15CA
12.8
14.3
15.8
1.0
21.2
71.7
5.0
1.5SMC16
1.5SMC16C
16
16C
12.9
14.4
17.6
1.0
23.5
64.7
5.0
1.5SMC16A
1.5SMC16CA
16A
16CA
13.6
15.2
16.8
1.0
22.5
67.6
5.0
1.5SMC18
1.5SMC18C
18
18C
14.5
16.2
19.8
1.0
26.5
57.4
5.0
1.5SMC18A
1.5SMC18CA
18A
18CA
15.3
17.1
18.9
1.0
25.2
60.3
5.0
1.5SMC20
1.5SMC20C
20
20C
16.2
18.0
22.0
1.0
29.1
52.2
5.0
1.5SMC20A
1.5SMC20CA
20A
20CA
17.1
19.0
21.0
1.0
27.7
54.9
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
1.5SMC SERIES


Similar Part No. - 1.5SMC22A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC22A CENTRAL-1.5SMC22A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Bourns Electronic Solut...
1.5SMC22A BOURNS-1.5SMC22A Datasheet
377Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Vishay Siliconix
1.5SMC22A VISHAY-1.5SMC22A Datasheet
113Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Nantong Hornby Electron...
1.5SMC22A HORNBY-1.5SMC22A Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Gaomi Xinghe Electronic...
1.5SMC22A GXELECTRONICS-1.5SMC22A Datasheet
200Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1.5SMC22A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com