Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SMC16A Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # 1.5SMC16A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

1.5SMC16A Datasheet(HTML) 3 Page - Nanjing International Group Co

  1.5SMC16A Datasheet HTML 1Page - Nanjing International Group Co 1.5SMC16A Datasheet HTML 2Page - Nanjing International Group Co 1.5SMC16A Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
1.5SMC120
1.5SMC120C
120
120C
97.2
108
132
1.0
173
8.7
5.0
1.5SMC120A 1.5SMC120CA
120A
120CA
102
114
126
1.0
165
9.2
5.0
1.5SMC130
1.5SMC130C
130
130C
105
117
143
1.0
187
8.1
5.0
1.5SMC130A 1.5SMC130CA
130A
130CA
111
124
137
1.0
179
8.5
5.0
1.5SMC150
1.5SMC150C
150
150C
121
135
165
1.0
215
7.1
5.0
1.5SMC150A 1.5SMC150CA
150A
150CA
128
143
158
1.0
207
7.3
5.0
1.5SMC160
1.5SMC160C
160
160C
130
144
176
1.0
230
6.6
5.0
1.5SMC160A 1.5SMC160CA
160A
160CA
136
152
168
1.0
219
6.9
5.0
1.5SMC170
1.5SMC170C
170
170C
138
153
187
1.0
244
6.2
5.0
1.5SMC170A 1.5SMC170CA
170A
170CA
145
162
179
1.0
234
6.5
5.0
1.5SMC180
1.5SMC180C
180
180C
146
162
198
1.0
258
5.9
5.0
1.5SMC180A 1.5SMC180CA
180A
180CA
154
171
189
1.0
246
6.2
5.0
1.5SMC200
1.5SMC200C
200
200C
162
180
220
1.0
287
5.3
5.0
1.5SMC200A 1.5SMC200CA
200A
200CA
171
190
210
1.0
274
5.5
5.0
1.5SMC220
1.5SMC220C
220
220C
175
198
242
1.0
344
4.4
5.0
1.5SMC220A 1.5SMC220CA
220A
220CA
185
209
231
1.0
328
4.6
5.0
1.5SMC250
1.5SMC250C
250
250C
202
225
275
1.0
360
4.2
5.0
1.5SMC250A 1.5SMC250CA
250A
250CA
214
237
263
1.0
344
4.4
5.0
1.5SMC300
1.5SMC300C
300
300C
243
270
330
1.0
430
3.5
5.0
1.5SMC300A 1.5SMC300CA
300A
300CA
256
285
315
1.0
414
3.7
5.0
1.5SMC350
1.5SMC350C
350
350C
284
315
385
1.0
504
3.0
5.0
1.5SMC350A 1.5SMC350CA
350A
350CA
300
333
368
1.0
482
3.2
5.0
1.5SMC400
1.5SMC400C
400
400C
324
360
440
1.0
574
2.6
5.0
1.5SMC400A 1.5SMC400CA
400A
400CA
342
380
420
1.0
548
2.8
5.0
1.5SMC440
1.5SMC440C
440
440C
356
396
484
1.0
631
2.4
5.0
1.5SMC440A 1.5SMC440CA
440A
440CA
376
418
462
1.0
600
2.5
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
1.5SMC SERIES


Similar Part No. - 1.5SMC16A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1.5SMC16A BOURNS-1.5SMC16A Datasheet
377Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Central Semiconductor C...
1.5SMC16A CENTRAL-1.5SMC16A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Nantong Hornby Electron...
1.5SMC16A HORNBY-1.5SMC16A Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
1.5SMC16A VISHAY-1.5SMC16A Datasheet
113Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Gaomi Xinghe Electronic...
1.5SMC16A GXELECTRONICS-1.5SMC16A Datasheet
200Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1.5SMC16A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com