Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6BU10 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # T6BU10
Description  SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

T6BU10 Datasheet(HTML) 1 Page - Nanjing International Group Co

  T6BU10 Datasheet HTML 1Page - Nanjing International Group Co T6BU10 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=50 C
Dimensions in
inches and (milimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at
6.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Storage Temperature Range, TSTG
Operating Temperature Range, Tj
T6BU01
T6BU02 T6BU03
T6BU04
T6BU06 T6BU08 T6BU10
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
6.0
1
80
2.0
500
-50
+150
-50
+150
V
A
A
V
uA
uA
C
C
* Ideal for printed circuit board
* Low forward voltage
* Polarity: marked on body
* Mounting position: Any
T6BU01 THRU T6BU10
1.
1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
6.0 Ampere
* Low leakage current
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
TUB


Similar Part No. - T6BU10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T6B07 TOSHIBA-T6B07 Datasheet
438Kb / 10P
   COLUMN DRIVER FOR A DOT MATRIX LCD
T6B08 TOSHIBA-T6B08 Datasheet
353Kb / 9P
   CMOS DIGITAL INTEGRATED CIRCUIT (ROW DRIVER FOR A DOT MATRIX LCD)
T6B20 TOSHIBA-T6B20 Datasheet
1Mb / 29P
   DOT MATRIX LCD CONTROLLER AND DRIVER LSI
T6B23 TOSHIBA-T6B23 Datasheet
287Kb / 8P
   COLUMN DRIVER SLI FOR A DOT MATRIX LCD
T6B36 TOSHIBA-T6B36 Datasheet
289Kb / 7P
   ROW DRIVER FOR A DOT MATRIX LCD
More results

Similar Description - T6BU10

ManufacturerPart #DatasheetDescription
logo
Formosa MS
BR605 FORMOSA-BR605 Datasheet
29Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
RS601 UNIOHM-RS601 Datasheet
65Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
KBU601 GWSEMI-KBU601 Datasheet
65Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR605 DGNJDZ-BR605 Datasheet
153Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBU6005 BYTESONIC-GBU6005 Datasheet
525Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Bytes
BR605 BYTES-BR605 Datasheet
145Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
RS601 BYTES-RS601 Datasheet
148Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
KBJ601 UNIOHM-KBJ601 Datasheet
66Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
RS601 FORMOSA-RS601 Datasheet
31Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Bytes
RS601M BYTES-RS601M Datasheet
148Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
KBJ601 GWSEMI-KBJ601 Datasheet
67Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com