Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH32DZ221K23K Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH32DZ221K23K
Description  Inductance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH32DZ221K23K Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH32DZ221K23K Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH32DZ221K23K Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LQH32DZ221K23#
# indicates a package specification code.
< List of part numbers with package codes >
LQH32DZ221K23L , LQH32DZ221K23K
Shape
L size
3.2 ±0.3mm
W size
2.5 ±0.2mm
T size
2.0 ±0.2mm
Size code in inch (mm)
1210 (3225)
Specifications
Inductance
220µH ±10%
Inductance test frequency
1MHz
Rated current (Isat) (Based on Inductance change)
70mA
Rated current (Itemp) (Based on Temperature rise)
70mA
Max. of DC resistance
10.92Ω
Avg. of DC resistance
8.4Ω±30%
Self resonance frequency (min.)
6.8MHz
Operating temperature range
-40∼105℃
Class of magnetic shield
No magnetic shield
Notes
When applied Rated current to the Products, self temperature rise shall be limited
to 20°C max and Inductance will be within ±10% of initial Inductance value.
References
Packaging
code
Specifications
Minimum quantity
φ180mm Embossed taping
2000
φ330mm Embossed taping
7500
Mass (Typ.)
1 piece
0.060g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2016/04/21


Similar Part No. - LQH32DZ221K23K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH32DZ220K23 MURATA-LQH32DZ220K23 Datasheet
75Kb / 2P
   Inductance
LQH32DZ220K23K MURATA-LQH32DZ220K23K Datasheet
75Kb / 2P
   Inductance
LQH32DZ220K23L MURATA-LQH32DZ220K23L Datasheet
75Kb / 2P
   Inductance
LQH32DZ220K53 MURATA-LQH32DZ220K53 Datasheet
75Kb / 2P
   Inductance
LQH32DZ220K53K MURATA-LQH32DZ220K53K Datasheet
75Kb / 2P
   Inductance
More results

Similar Description - LQH32DZ221K23K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02TN27NJ02 MURATA-LQP02TN27NJ02 Datasheet
68Kb / 2P
   Inductance
LQP02TN1N8B02 MURATA-LQP02TN1N8B02 Datasheet
68Kb / 2P
   Inductance
LQP03TG27NJ02 MURATA-LQP03TG27NJ02 Datasheet
72Kb / 2P
   Inductance
LQP03TG22NH02 MURATA-LQP03TG22NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG15NH02 MURATA-LQP03TG15NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG2N1B02 MURATA-LQP03TG2N1B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG1N0B02 MURATA-LQP03TG1N0B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N7B02 MURATA-LQP03TG0N7B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N5B02 MURATA-LQP03TG0N5B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4C02 MURATA-LQP03TG0N4C02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4B02 MURATA-LQP03TG0N4B02 Datasheet
72Kb / 2P
   Inductance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com