Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6436CLC4E Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PT7M6436CLC4E
Description  Low Power Voltage Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6436CLC4E Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PT7M6436CLC4E Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6436CLC4E Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6436CLC4E Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6436CLC4E Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6436CLC4E Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6436CLC4E Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6436CLC4E Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6436CLC4E Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M6436CLC4E Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-11-0002
PT0200-11
11/01/12
5
PT7M6418 -6450CL/CH /NL
Low Power Voltage Detector
AC Electrical Characteristics
Timing Diagram
(VCC = 1.2V to 5.5V, TA= -40~85ºC, unless otherwise noted. Typical values are at TA = +25ºC)
Sym
Description
Test Conditions
Min
Typ
Max
Unit
tRP
Timeout Period
TA = +25ºC
120
260
430
ms
tP
Delay
-
-
35
-
s
Typical Operation Circuit
V CC1
Vcc
RST
GND
PT7M64xxNL
Vcc1/Vcc2
RESET
RL
For typical application, RL could be 100kRIN less than 10k and that C more than 0.1F.
PT7M64xxNL Application Example
V
CC
t
RP
RST
t
RP
RST
(PT7M64xxCH)
V
TH+
V
TH-
t
P
t
P
V
TH+ = 1.05 x VTH-


Similar Part No. - PT7M6436CLC4E

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CH PERICOM-PT7M6101CH Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHC4E PERICOM-PT7M6101CHC4E Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHNE PERICOM-PT7M6101CHNE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHTAE PERICOM-PT7M6101CHTAE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results

Similar Description - PT7M6436CLC4E

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
STMicroelectronics
STM1061 STMICROELECTRONICS-STM1061 Datasheet
289Kb / 21P
   Low Power Voltage Detector
STM1061 STMICROELECTRONICS-STM1061_06 Datasheet
193Kb / 23P
   Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400A AKM-AP4400A Datasheet
490Kb / 12P
   Ultra Low Power Voltage Detector
logo
Silicon Standard Corp.
SS6680 SSC-SS6680 Datasheet
570Kb / 10P
   Ultra Low Power Voltage Detector
logo
Catalyst Semiconductor
CAT808 CATALYST-CAT808 Datasheet
193Kb / 8P
   Low-Power Precision Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400AEC AKM-AP4400AEC Datasheet
363Kb / 11P
   Ultra Low Power Voltage Detector
logo
HuaXinAn Electronics CO...
AP4400A HUAXINAN-AP4400A Datasheet
493Kb / 12P
   Ultra Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com