Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M8218B32CE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PT7M8218B32CE
Description  300mA, High PSRR, LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M8218B32CE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PT7M8218B32CE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M8218B32CE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M8218B32CE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M8218B32CE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M8218B32CE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M8218B32CE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M8218B32CE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7M8218B32CE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7M8218B32CE Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-11-0014
PT0440-1
11/21/12
9
PT7M8218
300mA, High PSRR, LDO Regulator
Mechanical Information
SC70-5L
SYMBOL
MIN
MAX
A
0.90
1.10
A1
0.00
0.10
A2
0.90
1.00
b
0.15
0.35
c
0.08
0.15
D
2.00
2.20
E
1.15
1.35
E1
2.15
2.45
e
e1
1.20
1.40
L
0.26
0.46
θ
PKG.
DIMENSIONS(MM)
0.65TYP
Note:
1) Controlling dimensions in millimeters.
2) Ref : JEDEC MO-203B/AA


Similar Part No. - PT7M8218B32CE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8216 PERICOM-PT7M8216 Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
PT7M8216B09XYEX PERICOM-PT7M8216B09XYEX Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
PT7M8216B09XZEX PERICOM-PT7M8216B09XZEX Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
PT7M8216B10XYEX PERICOM-PT7M8216B10XYEX Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
PT7M8216B10XZEX PERICOM-PT7M8216B10XZEX Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
More results

Similar Description - PT7M8218B32CE

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT72BXX HOLTEK-HT72BXX Datasheet
1Mb / 13P
   High PSRR 300mA LDO Regulator
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
Pericom Semiconductor C...
PT7M8216 PERICOM-PT7M8216 Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1253 YOBON-YB1253 Datasheet
476Kb / 11P
   300mA, Low Power, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com