Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M8218B23CE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PT7M8218B23CE
Description  300mA, High PSRR, LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M8218B23CE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PT7M8218B23CE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M8218B23CE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M8218B23CE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M8218B23CE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M8218B23CE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M8218B23CE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M8218B23CE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M8218B23CE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M8218B23CE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-11-0014
PT0440-1
11/21/12
4
PT7M8218
300mA, High PSRR, LDO Regulator
Block Diagram
Over-current
Protectio n Circuit
ON/OFF
C ircuit
R ef erence
Volta g e C ircuit
EN
VIN
VOUT
GND
Functional Description (Refer to Block Diagram)
Output Voltage
The divided output voltage is compared with the internal reference voltage by the error amplifier with internal phase
compensator. The output of the error amplifier then drives the P-channel MOSFET to maintain a stable and constant output
voltage.
Low ESR Capacitors
The internal phase compensator maintains the stable output voltage with low ESR ceramic input and output capacitors.
0.47F low ESR (X5R/X7R) ceramic capacitor located as close as possible to the IC’s pins is recommended.
Current Limit and Thermal Shutdown Protections
Current limit protection is used to limit the output current when an overload condition occurs. As a result, the output voltage
will drop. Thermal shutdown protection will turn off the output to reduce the power dissipation when the operation junction
temperature exceeds 170°C.
EN Pin
The output of the regulator in PT7M8218 can be controlled with EN pin. The EN pin should be connected to a “VIN” or a
“GND” voltage as a floating input applied to inverter input of the enable circuitry will increase the current consumption.
NOTE ON USE
Please use this IC within the stated absolute maximum ratings.
Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current.
Please keep the resistance low between VIN and GND wiring in particular.
Please wire the input capacitor (Cin) and the output capacitor (Cout) as close to the IC as possible.


Similar Part No. - PT7M8218B23CE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8216 PERICOM-PT7M8216 Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
PT7M8216B09XYEX PERICOM-PT7M8216B09XYEX Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
PT7M8216B09XZEX PERICOM-PT7M8216B09XZEX Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
PT7M8216B10XYEX PERICOM-PT7M8216B10XYEX Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
PT7M8216B10XZEX PERICOM-PT7M8216B10XZEX Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
More results

Similar Description - PT7M8218B23CE

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT72BXX HOLTEK-HT72BXX Datasheet
1Mb / 13P
   High PSRR 300mA LDO Regulator
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
Pericom Semiconductor C...
PT7M8216 PERICOM-PT7M8216 Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1253 YOBON-YB1253 Datasheet
476Kb / 11P
   300mA, Low Power, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com