Electronic Components Datasheet Search |
|
DF13C-15P-1.25H Datasheet(PDF) 1 Page - Hirose Electric |
|
DF13C-15P-1.25H Datasheet(HTML) 1 Page - Hirose Electric |
1 / 11 page B183 1.25mm Pitch Miniature Crimping Connector DF13 Series sFeatures 1. Miniature Size Designed in the low profile at mounting height 5.8mm. (SMT mounting straight type) (For DIP type, the mounting height is to 5.3mm to the straight and 3.6mm at the right angle) 2. Multi-contact The double row type achieves the multi-contact up to 40 contacts, and secures 30% higher density in the mounting area, compared with the single row type. 3. Correspond to Automatic Mounting The header provides the grade with the vacuum absorption area, and secures automatic mounting by the embossed tape packaging. In addition, the tube packaging can be selected. 4. Integral Basic Function Despite Miniature Size The header is designed in a scoop-proof box structure, and completely prevents mis-insertion. In addition, the surface mounting (SMT) header is equipped with the metal fitting to prevent solder peeling. sApplications Note PC, mobile terminal, miniature type business equipment, and other various consumer equipment, including video camera Straight Type Right Angle Type Absorption area Absorption area Figure 1 Correspond to Automatic Mounting Secure the automatic plain area for the absorption type automatic mounting machine. Metal fitting DIP 5.3mm SMT 5.8mm DIP 3.6mm SMT Type Mounting Type Mounting Height |
Similar Part No. - DF13C-15P-1.25H |
|
Similar Description - DF13C-15P-1.25H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |