Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66110-11 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY66110-11
Description  Low-Power Bluetooth Low Energy Front-End Module for Range Extension Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66110-11 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY66110-11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY66110-11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66110-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66110-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66110-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66110-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66110-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66110-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66110-11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203184I • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • February 22, 2016
1
DATA SHEET
SKY66110-11: Low-Power Bluetooth® Low Energy
Front-End Module for Range Extension Applications
Applications
 Range extender
 Wearable technology
 Beacons
 Sensors
 Home automation
 Internet of Things (IoT) devices
Features
 Low power consumption: 10 mA @ +10 dBm
 Output: +10 dBm
 Supply operation: 1.8 to 5 V
 Low sleep current: < 1 μA
 RX bypass
 Small MCM (20-pin, 3.3 x 3.0 x 0.8 mm) package
(MSL3, 260 °C per JEDEC-J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
203148H-002
GND
GND
GND
TR
1
2
3
4
14
13
12
11
7
5
6
8
VCC
GND
GND
ANT
9
10
18
20
19
17
16
15
Paddle
Figure 2. SKY66110-11 Pinout
(Top View)
CTX CRX
VCC
TR
ANT
203148H-001
Figure 1. SKY66110-11 Functional Block Diagram
Description
The SKY66110-11 is a highly integrated front-end module (FEM)
designed for Bluetooth Low Energy (BLE) range extension
applications operating in the 2.4 to 2.485 GHz range.
The device is provided in a 3.3 x 3.0 x 0.8 mm 20-pin MCM
package. A functional block diagram is shown in Figure 1. Pin
assignments are shown in Figure 2. Signal pin assignments and
functional pin descriptions are provided in Table 1.


Similar Part No. - SKY66110-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66111-11 SKYWORKS-SKY66111-11 Datasheet
1Mb / 14P
   Low-Power Bluetooth Low Energy Front-End Module for Range Extension Applications
SKY66111 SKYWORKS-SKY66111_11 Datasheet
184Kb / 2P
   Low-Power Bluetooth Low Energy Front-End Module
SKY66112-11 SKYWORKS-SKY66112-11 Datasheet
163Kb / 2P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66112-11EK1 SKYWORKS-SKY66112-11EK1 Datasheet
922Kb / 14P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66112-11 SKYWORKS-SKY66112-11_17 Datasheet
922Kb / 14P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
More results

Similar Description - SKY66110-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66111-11 SKYWORKS-SKY66111-11 Datasheet
1Mb / 14P
   Low-Power Bluetooth Low Energy Front-End Module for Range Extension Applications
SKY66111 SKYWORKS-SKY66111_11 Datasheet
184Kb / 2P
   Low-Power Bluetooth Low Energy Front-End Module
SKY66114-11 SKYWORKS-SKY66114-11 Datasheet
161Kb / 2P
   2.4 GHz Bluetooth Low Energy /802.15.4/Zigbee Front-End Module
SKY66113-11 SKYWORKS-SKY66113-11 Datasheet
160Kb / 2P
   2.4 GHz Bluetooth Low Energy/802.15.4 /Zigbee Front-End Module
SKY66115-11 SKYWORKS-SKY66115-11 Datasheet
971Kb / 11P
   470 to 510 MHz Front-End Module for Range Extension Applications
SKY66115-11 SKYWORKS-SKY66115-11_17 Datasheet
980Kb / 12P
   400 to 510 MHz Front-End Module for Range Extension Applications
SKY66113-11 SKYWORKS-SKY66113-11_17 Datasheet
432Kb / 9P
   2.4 GHz Bluetooth Low Energy/802.15.4/ Thread/ZigBee Front-End Module
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
   Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
   Bluetooth Low Energy Module
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
   Bluetooth Low Energy Module
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com