Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M8208B26ZUE Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PT7M8208B26ZUE
Description  LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M8208B26ZUE Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PT7M8208B26ZUE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M8208B26ZUE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M8208B26ZUE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M8208B26ZUE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M8208B26ZUE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M8208B26ZUE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M8208B26ZUE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M8208B26ZUE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7M8208B26ZUE Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0360S-2
10/18/10
10
PT7M8208
LDO Regulator
Ordering Information
Part Number
Package Code
Package
PT7M8208①②③ZUE
ZU
Lead free and Green
UDFN-6L 1x1
Notes:
“①②③” refer to different functions. See below Table 1 and Table 2.
E = Pb-free and Green
Adding X Suffix= Tape/Reel
Table 1 Option Definition Table
Designator
Symbol
Description
A
Low active
Regulators EN type
B
High active
②③
Regulator Output
voltage
12-33, 2A
Internally set sequential number relating output voltage of regulator , the
detail is in Table 2
Table 2 Definition of designator
Designator
②③
VOUT (V)
Designator
②③
VOUT (V)
Designator
②③
VOUT (V)
12
1.2
20
2.0
28
2.8
13
1.3
21
2.1
29
2.9
14
1.4
22
2.2
30
3.0
15
1.5
23
2.3
31
3.1
16
1.6
24
2.4
32
3.2
17
1.7
25
2.5
33
3.3
18
1.8
26
2.6
2A
2.85
19
1.9
27
2.7
Pericom Semiconductor Corporation 1-800-435-2336 www.pericom.com
11-0009


Similar Part No. - PT7M8208B26ZUE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8202A12CE PERICOM-PT7M8202A12CE Datasheet
351Kb / 11P
   LDO Regulator
PT7M8202A12TAE PERICOM-PT7M8202A12TAE Datasheet
351Kb / 11P
   LDO Regulator
PT7M8202A13CE PERICOM-PT7M8202A13CE Datasheet
351Kb / 11P
   LDO Regulator
PT7M8202A13TAE PERICOM-PT7M8202A13TAE Datasheet
351Kb / 11P
   LDO Regulator
More results

Similar Description - PT7M8208B26ZUE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8206 PERICOM-PT7M8206 Datasheet
373Kb / 12P
   LDO Regulator
PT7M8205 PERICOM-PT7M8205 Datasheet
315Kb / 10P
   LDO Regulator
logo
Rohm
BD50FA1MG-M ROHM-BD50FA1MG-M Datasheet
1Mb / 23P
   LDO Regulator
BD3650FP-M ROHM-BD3650FP-M Datasheet
377Kb / 11P
   LDO Regulator
logo
Unisonic Technologies
UR1171 UTC-UR1171 Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
logo
HuaXinAn Electronics CO...
AP1153ADSXX HUAXINAN-AP1153ADSXX Datasheet
1Mb / 29P
   Output LDO Regulator
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
ON Semiconductor
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com