Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M8218B31TAE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PT7M8218B31TAE
Description  300mA, High PSRR, LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M8218B31TAE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PT7M8218B31TAE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M8218B31TAE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M8218B31TAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M8218B31TAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M8218B31TAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M8218B31TAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M8218B31TAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M8218B31TAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M8218B31TAE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-11-0014
PT0440-1
11/21/12
5
PT7M8218
300mA, High PSRR, LDO Regulator
Typical Performance Characteristics
1. Output Voltage vs. Output Current
(Vout=1.1V)
Cin=0.47µF(Ceramics), Cout=0.47µF(Ceramics), TA=25°C
0
0.2
0.4
0.6
0.8
1
1.2
0
50
100
150
200
250
300
350
400
Iout (mA)
Vin=2.5V
Vin=3.5V
Vin=5.5V
(Vout=3.3V)
Cin=0.47µF(Ceramics), Cout=0.47µF(Ceramics), TA=25°C
0
0.5
1
1.5
2
2.5
3
3.5
0
50
100
150
200
250
300
350
400
450
Iout (mA)
Vin=4.3V
Vin=5.0V
Vin=5.5V
2. Output Voltage vs. Input Voltage
(Vout=1.1V)
Cin=0.47µF(Ceramics), Cout=0.47µF(Ceramics), TA=25°C
0
0.2
0.4
0.6
0.8
1
1.2
0
1
2
3
4
5
Vin (V)
1mA
30mA
50mA
(Vout=3.3V)
Cin=0.47µF(Ceramics), Cout=0.47µF(Ceramics), TA=25°C
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
6
Vin (V)
1mA
30mA
50mA


Similar Part No. - PT7M8218B31TAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8216 PERICOM-PT7M8216 Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
PT7M8216B09XYEX PERICOM-PT7M8216B09XYEX Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
PT7M8216B09XZEX PERICOM-PT7M8216B09XZEX Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
PT7M8216B10XYEX PERICOM-PT7M8216B10XYEX Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
PT7M8216B10XZEX PERICOM-PT7M8216B10XZEX Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
More results

Similar Description - PT7M8218B31TAE

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT72BXX HOLTEK-HT72BXX Datasheet
1Mb / 13P
   High PSRR 300mA LDO Regulator
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
Pericom Semiconductor C...
PT7M8216 PERICOM-PT7M8216 Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1253 YOBON-YB1253 Datasheet
476Kb / 11P
   300mA, Low Power, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com