Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBL2S Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # MBL2S
Description  Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MBL2S Datasheet(HTML) 2 Page - Nanjing International Group Co

  MBL2S Datasheet HTML 1Page - Nanjing International Group Co MBL2S Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
特性曲线(典型) Characteristics(Typical)
0
0
0.2
Ta
(℃)
图 1:Io-Ta曲线
FIG1:Io-Ta Curve
160
正弦波,电阻负载,
用散热片
sine wave R-load
with heatsink
40
80
120
0.4
0.6
0.8
1.0
1.2
①②
焊接区 soldering land
1mm×1mm
1mm× 1mm
导体箔conductor layer
35um
20um
基板厚度substrate thickness
0.64mm
①在 玻璃-环 氧基板上
on glass-epoxi substrate
②在氧化 铝基板上
on alumina substrate
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.02
0.05
VF(V)
图3:正向电压曲线
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=150℃
Tj=25℃
FIG4:Typical Reverse Characteristics
图4:反向电流曲线
1
0
图2:耐正向浪涌电流曲线
2
5
10
20
50
100
5
正弦波
sine wave
不重复
non-repetitive
Tj=25℃
FIG2:Surge Forward Current Capadility
Number of Cycles
0
8.3ms
1cycle
8.3ms
10
15
20
25
30
35
MBL1S THRU MBL10S
Bridge Rectifier
2/2


Similar Part No. - MBL2S

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MBL2S YANGJIE-MBL2S Datasheet
180Kb / 4P
   Bridge Rectifiers
MBL2S YANGJIE-MBL2S Datasheet
180Kb / 4P
   Bridge Rectifiers
logo
Micro Commercial Compon...
MBL2S MCC-MBL2S Datasheet
274Kb / 3P
   0.5 Amp Single Phase Glass Passivated Bridge Rectifier 100 to 1000 Volts
logo
RFE international
MBL2S RFE-MBL2S Datasheet
938Kb / 3P
   Bridge Rectifiers, Surface Mount
8-MAR-2023
MBL2SA RFE-MBL2SA Datasheet
942Kb / 3P
   Bridge Rectifiers, Surface Mount
08-MAR-2023
More results

Similar Description - MBL2S

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com