Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M8216B09XZEX Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT7M8216B09XZEX
Description  300mA, High PSRR, Tiny package, LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M8216B09XZEX Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT7M8216B09XZEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M8216B09XZEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M8216B09XZEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M8216B09XZEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M8216B09XZEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M8216B09XZEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M8216B09XZEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M8216B09XZEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M8216B09XZEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
300mA, High PSRR, Tiny package, LDO Regulator
2015-03-0006
PT0433-4
05/06/15
1
PT7M8216
Features
Input Voltage Range: 1.7V to 5.5V
300mA Guaranteed Output Current
Stable with 0.47F Ceramic Output Capacitors
Low Dropout Voltage 150mV@150mA (Vout=2.8V)
Low Quiescent Current 36A
High PSRR 75dB@1kHz
Auto Output Discharge
High Output Accuracy ±2% Initial Accuracy
Thermal Shutdown and Current Limit Protection
Operating Temperature Range: -40°C to +85°C
Packaging (Pb-free & Green):
- 4-pin UDFN 1mm×1mm
- 4-pin UDFN 0.8mm×0.8mm
Description
PT7M8216 is a high accurate, low dropout voltage
regulator with low noise, high ripple rejection and low
current consumption.
PT7M8216 includes a reference voltage source, an error
amplifier, a driver transistor, a current limit protection, a
thermal protection and an internal phase compensator.
The output voltage for the regulator is set by factory
trimming within a range of 0.9V to 3.3V in 100mV step
includes 2.85V. PT7M8216 is stable with low ESR
ceramic capacitors.
PT7M8216 is available in a 1mm×1mm UDFN-4L and
0.8mm×0.8mm UDFN-4L packages. It operates over a
temperature range of -40 to +85°C.
Applications
Cell Phones
Mobile Phones (PDC, GSM, CDMA, IMT2000 etc.)
Cordless Phones and Radio Communication
Digital Still Cameras and Video Cameras
PDA
MP3 Players
Portable Devices
Pin Assignment
UDFN-4L 0.8x0.8 and UDNF-4L 1x1
Pin Description
Pin
No
I/O
Pin
Name
Description
4
I
VIN
Regulator Supply Input. Supply voltage can range from 1.7V to 5.5V. Bypass with a 0.47F
ceramic capacitor (X5R/X7R) to GND.
2
P
GND
Ground.
3
I
EN
ON/OFF Control of Regulator. High active.
5
-
NC
This pin is better to be connected to the GND, but leaving it open is also acceptable
1
O
VOUT
Output of Regulator. Bypass with a 0.47F ceramic capacitor (X5R/X7R) to GND.
3
4
2
1
Bottom view
Top view
3
1
2
4


Similar Part No. - PT7M8216B09XZEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8218 PERICOM-PT7M8218 Datasheet
409Kb / 11P
   300mA, High PSRR, LDO Regulator
PT7M8218B09CE PERICOM-PT7M8218B09CE Datasheet
409Kb / 11P
   300mA, High PSRR, LDO Regulator
PT7M8218B09TAE PERICOM-PT7M8218B09TAE Datasheet
409Kb / 11P
   300mA, High PSRR, LDO Regulator
PT7M8218B10CE PERICOM-PT7M8218B10CE Datasheet
409Kb / 11P
   300mA, High PSRR, LDO Regulator
PT7M8218B10TAE PERICOM-PT7M8218B10TAE Datasheet
409Kb / 11P
   300mA, High PSRR, LDO Regulator
More results

Similar Description - PT7M8216B09XZEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8218 PERICOM-PT7M8218 Datasheet
409Kb / 11P
   300mA, High PSRR, LDO Regulator
logo
Holtek Semiconductor In...
HT72BXX HOLTEK-HT72BXX Datasheet
1Mb / 13P
   High PSRR 300mA LDO Regulator
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1253 YOBON-YB1253 Datasheet
476Kb / 11P
   300mA, Low Power, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com