Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6314US30D4 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PT7M6314US30D4
Description  Supervisory Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6314US30D4 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PT7M6314US30D4 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6314US30D4 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6314US30D4 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6314US30D4 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6314US30D4 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6314US30D4 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6314US30D4 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6314US30D4 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2016-01-0003
PT0196-6
01/15/16
3
PT7M6314US
Supervisory Circuit
AC Electrical Characteristics
Timing diagram
t
R
VCC
RST
V
RST
1V
0V
t
RS
1V
0V
Uncertain state
0.5V
t
S
0.8V
CC
External pull down
signal release
0.5V
(VCC = 1.0V to 5.5V, TA= -40~85ºC, unless otherwise noted. Typical values are at TA = +25ºC)
Sym.
Description
Test Conditions
Part No.
Min.
Typ.
Max.
Unit
tRS
Reset Timeout Period
6314USxxD1
1
1.6
2.2
ms
6314USxxD2
17
26
40
ms
6314USxxD3
140
200
280
ms
6314USxxD4
1120
1570
2240
ms
tRPD
Delay
10
ns
tSEN
Sensitivity
20
s
tMD
MR to Reset Delay
500
ns
tMR
MR Pulse Width
1
s
tS
External Pull Down Signal Pulse
RST pin
1
s
tR
RST Output Rise Time
VCC = 3V
CLOAD = 120pF
333
ns
CLOAD = 250pF
666
VCC = 5V
CLOAD = 200pF
333
CLOAD = 400pF
666
VCC
VRST
1V
0V
tRS
tSEN
tRS
tRPD
1V
0V
Uncertain state
MR
tMR
0V
tRS
0.8V
RST
tMD
VIH


Similar Part No. - PT7M6314US30D4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6314USXXD1TBEX DIODES-PT7M6314USXXD1TBEX Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6314USXXD2TBEX DIODES-PT7M6314USXXD2TBEX Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6314USXXD3TBEX DIODES-PT7M6314USXXD3TBEX Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6314USXXD4TBEX DIODES-PT7M6314USXXD4TBEX Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
More results

Similar Description - PT7M6314US30D4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
   Supervisory Circuit
PT7M6315US PERICOM-PT7M6315US Datasheet
430Kb / 6P
   Supervisory Circuit
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6315US DIODES-PT7M6315US Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
logo
Pericom Semiconductor C...
PT7M1233 PERICOM-PT7M1233 Datasheet
253Kb / 7P
   Supervisory Circuit
PT7M1818 PERICOM-PT7M1818 Datasheet
286Kb / 6P
   Supervisory Circuit
PT7M7433 PERICOM-PT7M7433 Datasheet
359Kb / 7P
   Supervisory Circuit
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com