Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B096-032 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # B096-032
Description  32-Port Serial Console/Terminal Server
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B096-032 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  B096-032 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B096-032 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B096-032 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B096-032 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Input Connection Type
2 x IEC-320-C14, Auto-Switching 100-240VAC
Input Frequency
50/60Hz
Input Current
120V (0.11A) / 230V (0.06A)
PHYSICAL
Unit Dimensions (hwd / in.)
1.75 x 17.40 x 12.50
Unit Dimensions (hwd / cm)
4.445 x 44.2 x 31.75
Unit Weight (lbs.)
8.7
Unit Weight (kg)
3.95
Color
Black
ENVIRONMENTAL
Storage Temperature Range
Non operating storage temperature: -30C to +60C (-20F to +140F)
Relative Humidity
Humidity: 5% to 90%
Operating Temperature
Ambient operating temperature: 5C to 50C (41F to 122F)
BTUs
120V: 68 BTU per hour
Power Consumption (Watts)
120V: 20 Watts
COMMUNICATIONS
IP Remote Access
Yes
CONNECTIONS
Ports
32
Other Ports - Port 1
1 x DB-9 RS-232 local console and modem serial port (2400 to 115,200 bps)
Other Ports - Port 2
1 RJ-11 modem port
Other Ports - Port 3
2 x RJ-45 10/100Base-T Ethernet port
Other Ports - Port 4
1 USB port
Other Ports - Port 5
2 x C14 Power Ports, 100-240V AC
CERTIFICATIONS
Approvals
FCC Part 15 A, UL 1950, CE (EN55022 A, EN55024, EN60950), TUV, C-Tick
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
© 2016 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
3 / 4


Similar Part No. - B096-032

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B096-016 TRIPPLITE-B096-016 Datasheet
486Kb / 4P
   16-Port Serial Console/Terminal Server
B096-048 TRIPPLITE-B096-048 Datasheet
482Kb / 4P
   48-Port Serial Console/Terminal Server
More results

Similar Description - B096-032

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B096032 TRIPPLITE-B096032 Datasheet
482Kb / 3P
   32-Port Serial Console-Terminal Server
B096016 TRIPPLITE-B096016 Datasheet
487Kb / 3P
   16-Port Serial Console-Terminal Server
B0940082EMF TRIPPLITE-B0940082EMF Datasheet
503Kb / 3P
   8-Port Serial Console-Terminal Server
B096-016 TRIPPLITE-B096-016 Datasheet
486Kb / 4P
   16-Port Serial Console/Terminal Server
B094-008-2E-M-F TRIPPLITE-B094-008-2E-M-F Datasheet
501Kb / 3P
   8-Port Serial Console/Terminal Server
B096-048 TRIPPLITE-B096-048 Datasheet
482Kb / 4P
   48-Port Serial Console/Terminal Server
B096048 TRIPPLITE-B096048 Datasheet
483Kb / 3P
   48-Port Serial Console-Terminal Server
B0940082EV TRIPPLITE-B0940082EV Datasheet
504Kb / 3P
   8-Port Serial Console-Terminal Server with built-in
B094-008-2E-V TRIPPLITE-B094-008-2E-V Datasheet
503Kb / 3P
   8-Port Serial Console/Terminal Server with built-in Cellular Modem
B0950041E TRIPPLITE-B0950041E Datasheet
518Kb / 3P
   4-Port IP Serial Console/Terminal Server (External Modem Required for Out-of-Band Access)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com