Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B072-032-IP4 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B072-032-IP4
Description  NetCommander 32-Port Cat5 IP KVM Switch 1U Rack-Mount 41 User
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B072-032-IP4 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B072-032-IP4 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B072-032-IP4 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B072-032-IP4 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NetCommander 32-Port Cat5 IP KVM Switch 1U
Rack-Mount 4+1 User
MODEL NUMBER: B072-032-IP4
Description
Tripp Lite's 32-port NetCommander Cat5 IP KVM Switch is the optimal solution for remote control of multiple
computers/servers by up to 5 (1 Local and 4 Remote) independent, simultaneous users. A single unit occupies a
mere 1U of rack space, yet can control up to 32 directly connected computers. Connected computers/servers
can be located up to 100 ft. from the KVM switch, with support for video resolutions up to 1920 x 1080 @ 60Hz.
A full-screen graphical OSD with multi-level authentication (Administrator and User) allows you to quickly and
efficiently manage your installation. Allows for remote authentication via RADIUS and LDAP/S, and supports
both IPv4 and IPv6. The OSD includes a range of settings for system configuration that allow you to add
accounts, customize account access, install a SSL certificate, backup and restore system settings, upgrade
firmware, and more. Accessing the connected computers is a breeze; a wide range of video and mouse sync
settings ensure optimal remote session performance in any situation. In addition to ports for computers/servers,
two serial ports are provided for the connection and control of serial manageable devices such as PDU's,
firewalls, and routers. IP PDU's can be added as devices to be controlled by the KVM, and individual KVM ports
can be assigned to a PDU port, giving you the ability to Power Cycle or Power Off/On the computer/server
connected to that port. Other features include dual power supplies, dual ethernet ports, SNMP messaging, and a
log that records the events that take place on the installation. Constructed of heavy-duty steel housing.
Features
Directly connect up to 32 computers/servers.
Connected computers/servers can be located up to 100 ft.(30 m.) away from the KVM using inexpensive
Cat5e/6 cabling and B078-101-USB-1 SIUs.
Supports HD video resolutions up to 1920 x 1080, including widescreen formats such as 1680 x 1050 and
1600 x 1200
Supports up to 4 simultaneous remote sessions.
In addition to multiple remote sessions, a local user can access the KVM simultaneously to the remote users.
Java-based application allows for control of a target server via web browser from any location over a secure
IP connection.
Highlights
Simultaneous support for 5 users
(1 local, 4 remote)
Java-based application allows for
control of a target server via web
browser from any location over a
secure IP connection.
Non-Browser client available via
the Support section, which can
by-pass browser related Java
Security prompts upon login
Remote authentication support -
RADIUS and LDAP/S
Supports both IPv4 and IPv6
PDU Control - Add IP PDU's as
devices that can be controlled by
the KVM. Assign individual ports
on the KVM to a PDU port to
Power Cycle or Power Off/On the
computer/server connected to
that port.
Dual Serial Ports - Connect serial
manageable devices such as
PDU's, firewalls, and routers.
Dual Ethernet and Power
provides redundancy in the event
of a crash.
System Requirements
Connected Computers/Servers
PS/2 and USB keyboard/mouse
ports
HD15 (VGA) port
Supports Windows and Linux
Operating Systems
Remote Console Computers
Pentium 4 with 2GB memory
Supports Windows and Linux
Operating Systems
Windows Operating Systems can
remotely access the KVM via
Internet Explorer, Firefox, or
Chrome browsers
Linux Operating Systems can
1 / 3


Similar Part No. - B072-032-IP4

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B072-032-IP4-K TRIPPLITE-B072-032-IP4-K Datasheet
486Kb / 3P
   NetCommander 32-Port Cat5 IP KVM Switch 1U Rack-Mount 41 User with Sixteen USB Dongles
More results

Similar Description - B072-032-IP4

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B072-032-IP2 TRIPPLITE-B072-032-IP2 Datasheet
486Kb / 3P
   NetCommander 32-Port Cat5 IP KVM Switch 1U Rack-Mount 2plus1 User
B072032IP4 TRIPPLITE-B072032IP4 Datasheet
486Kb / 3P
   NetCommander 32-Port Cat5 IP KVM Switch 1U Rack-Mount 4plus1 User
B072-008-1-IP TRIPPLITE-B072-008-1-IP Datasheet
496Kb / 4P
   NetCommander 8-Port Cat5 IP KVM Switch 1U Rack-Mount 1plus1 User
B072-016-IP2 TRIPPLITE-B072-016-IP2 Datasheet
485Kb / 3P
   NetCommander 16-Port Cat5 IP KVM Switch 1U Rack-Mount 2plus1 User
B072-016-IP4 TRIPPLITE-B072-016-IP4 Datasheet
485Kb / 3P
   NetCommander 16-Port Cat5 IP KVM Switch 1U Rack-Mount 4plus1 User
B072016IP2 TRIPPLITE-B072016IP2 Datasheet
486Kb / 3P
   NetCommander 16-Port Cat5 IP KVM Switch 1U Rack-Mount 2plus1 User
B0720081IP TRIPPLITE-B0720081IP Datasheet
495Kb / 3P
   NetCommander 8-Port Cat5 IP KVM Switch 1U Rack-Mount 1plus1 User
B0720161IP TRIPPLITE-B0720161IP Datasheet
496Kb / 3P
   NetCommander 16-Port Cat5 IP KVM Switch 1U Rack-Mount 1plus1 User
B072-032-IP4-K TRIPPLITE-B072-032-IP4-K Datasheet
486Kb / 3P
   NetCommander 32-Port Cat5 IP KVM Switch 1U Rack-Mount 41 User with Sixteen USB Dongles
B072-032-IP2-K TRIPPLITE-B072-032-IP2-K Datasheet
486Kb / 3P
   NetCommander 32-Port Cat5 IP KVM Switch 1U Rack-Mount 21 User with Sixteen USB Dongles
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com