Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR204 Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # FR204
Description  2 Amp Fast Recovery Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

FR204 Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  FR204 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD FR204 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD FR204 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FR201 thru FR207
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1
Ω
50
Ω
10
Ω
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure 5
Reverse Recovery Time Characteristic And Test Circuit Diagram
1
100
4
0
15
30
45
8
Figure 4
Maximum Non-Repetitive Forward Surge Current
Peak Forward Surge Current - Amperes
versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
60
75
90


Similar Part No. - FR204

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
FR204 SECOS-FR204 Datasheet
166Kb / 2P
   2.0 A, Fast Recovery Rectifiers
logo
Won-Top Electronics
FR204 WTE-FR204 Datasheet
46Kb / 3P
   2.0A FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
FR204 CHENDA-FR204 Datasheet
581Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR204 SMC-FR204 Datasheet
165Kb / 4P
   FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
FR204 TSC-FR204 Datasheet
69Kb / 2P
   2.0 AMPS. Fast Recovery Rectifiers
More results

Similar Description - FR204

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FS2AFL MCC-FS2AFL Datasheet
334Kb / 4P
   2 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR201 MCC-FR201_11 Datasheet
460Kb / 4P
   2 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR207-TP MCC-FR207-TP Datasheet
613Kb / 4P
   2 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
FR201DO15 YFWDIODE-FR201DO15 Datasheet
416Kb / 3P
   2 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR201 MCC-FR201 Datasheet
80Kb / 3P
   2 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR201 MCC-FR201_13 Datasheet
613Kb / 4P
   2 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR2AL MCC-FR2AL Datasheet
1Mb / 4P
   2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR2A MCC-FR2A_11 Datasheet
991Kb / 4P
   2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
FR2A LEIDITECH-FR2A Datasheet
944Kb / 3P
   2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR2A MCC-FR2A Datasheet
622Kb / 3P
   2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com