Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC3502W Datasheet(PDF) 1 Page - Suntan Capacitors

Part # KBPC3502W
Description  Ideal for printed circuit board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

KBPC3502W Datasheet(HTML) 1 Page - Suntan Capacitors

  KBPC3502W Datasheet HTML 1Page - Suntan Capacitors KBPC3502W Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Suntan® Su®
KBPC35005W THRU KBPC3510W
High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts
Current 35 Amperes
F E A T U R E S
Ideal for printed circuit board
Reliable low cost construction technique
results in inexpensive product
High temperature soldering guaranteed:
260℃ / 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
UL Recognized File number: E347215
Mechanical Data
Case: M
etal Case with Wire Leads
Lead: solder plated
Polar
ity: As marked
KBPC-W
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
KBPC
KBPC
KBPC
KBPC
KBPC
KBPC
KBPC
Type Number
35005W
3501W
3502W
3504W
3506W
3508W
3510W
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TC = 55℃
I(AV)
35
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
400
A
Maximum Instantaneous Forward Voltage @17.5A
VF
1.1
V
Maximum DC Reverse Current
at Rated DC Blocking voltage per Element
IR
10
μ
A
Typical Thermal Resistance (Note)
JC
2.0
/W
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
Note:
Thermal Resistance from Junction to Case.


Similar Part No. - KBPC3502W

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC3502W WTE-KBPC3502W Datasheet
52Kb / 4P
   15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
KBPC3502W WINNERJOIN-KBPC3502W Datasheet
152Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Microdiode Electronics ...
KBPC3502W CHENDA-KBPC3502W Datasheet
543Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Dc Components
KBPC3502W DCCOM-KBPC3502W Datasheet
423Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
KBPC3502W WINNERJOIN-KBPC3502W Datasheet
131Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - KBPC3502W

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
GBU2006F HY-GBU2006F Datasheet
39Kb / 2P
   Ideal for printed circuit board
GBJ2006F HY-GBJ2006F Datasheet
49Kb / 2P
   Ideal for printed circuit board
GBU406L HY-GBU406L Datasheet
50Kb / 2P
   Ideal for printed circuit board
GBU606F HY-GBU606F Datasheet
47Kb / 2P
   Ideal for printed circuit board
logo
Kingtronics Internation...
KBPC35005W KINGTRONICS-KBPC35005W Datasheet
391Kb / 2P
   Ideal for printed circuit board
logo
GeneSiC Semiconductor, ...
DB107G GENESIC-DB107G Datasheet
311Kb / 3P
   Ideal for printed circuit board
logo
HY ELECTRONIC CORP.
GBJ806F HY-GBJ806F Datasheet
47Kb / 2P
   Ideal for printed circuit board
GBJ1006F HY-GBJ1006F Datasheet
46Kb / 2P
   Ideal for printed circuit board
logo
Suntan Capacitors
BR25005 SUNTAN-BR25005 Datasheet
609Kb / 2P
   Ideal for printed circuit board
KBU6005 SUNTAN-KBU6005 Datasheet
347Kb / 2P
   Ideal for printed circuit board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com