Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # 1N4148
Description  High-speed switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

1N4148 Datasheet(HTML) 1 Page - Suntan Capacitors

  1N4148 Datasheet HTML 1Page - Suntan Capacitors 1N4148 Datasheet HTML 2Page - Suntan Capacitors 1N4148 Datasheet HTML 3Page - Suntan Capacitors 1N4148 Datasheet HTML 4Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Suntan®
1N4148
Silicon Epitaxial Planar Switching Diode
F E A T U R E S
High-speed switching
This diode is also available in MiniMELF case
With the type designation LL4148
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Ta = 25℃)
PARAMETER
SYMBOL
VALUE
UNIT
Peak Reverse Voltage
VRM
100
V
Reverse Voltage
VR
75
V
Average Rectified Forward Current
IF(AV)
200
mA
Non-repetitive Peak Forward Surge Current
at t = 1 s
at t = 1 ms
at t = 1 μs
IFSM
0.5
1
4
A
Power Dissipation
Ptot
500 1)
mW
Junction Temperature
Tj
200
Storage Temperature Range
Tstg
- 65 to + 200
Note : 1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
1N4148
Glass Case DO-35
Dimensions in mm
Glass Case DO-34
Dimensions in mm


Similar Part No. - 1N4148

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N4148 WTE-1N4148 Datasheet
42Kb / 4P
   FAST SWITCHING DIODE
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
logo
Micro Commercial Compon...
1N4148 MCC-1N4148 Datasheet
239Kb / 4P
   Metalurgically Bonded Construction Low Current Leakage High Reliability
logo
SEMTECH ELECTRONICS LTD...
1N4148 SEMTECH_ELEC-1N4148 Datasheet
256Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - 1N4148

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
   High Speed Switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
   High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
   High-Speed Switching
logo
Advanced Power Electron...
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
   High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
   High Speed Switching
logo
Kersemi Electronic Co.,...
2SA1486 KERSEMI-2SA1486 Datasheet
495Kb / 2P
   High speed switching
logo
KEC(Korea Electronics)
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
   High speed switching
logo
Toshiba Semiconductor
SSM6K31FE TOSHIBA-SSM6K31FE Datasheet
99Kb / 3P
   High speed switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
   High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
   High speed switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
   HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com