Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA150-P Datasheet(PDF) 1 Page - LEM

Part # LA150-P
Description  Current Transducer LA 150-P
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA150-P Datasheet(HTML) 1 Page - LEM

  LA150-P Datasheet HTML 1Page - LEM LA150-P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
I
PN
Primary nominal current
150
A
I
P
Primary current, measuring range
0 .. ± 200
A
R
M
Measuring resistance
T
A = 70°C
T
A = 85°C
R
M min RM max
R
M min RM max
with ±15V
@± 200 A
max
0
30
0
15
I
SN
Secondary nominal current
75
mA
K
N
Conversion ratio
1 : 2000
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
app 16 + I
SN
mA
V
d
R.m.s. voltage for AC isolation test, 50/60Hz,1mn
2.5
kV
Accuracy-Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C
@± 15V (± 5 %)
< ± 1
% of I
PN
εε
L
Linearity (0 .. ± I
PN)
± 0.25
% of I
PN
I
O
Electrical offset current @I
P = 0, @TA = 25°C
Max. ± 0.2
mA
I
om
Residual current @ I
P = 0,
after an excursion at 1x I
PN
Max.± 0.15
mA
I
OT
Thermal drift of I
O
± 0.005
mA/K
t
r
Response time @ 90% of I
P
<1
µs
di/dt
di/dt accurately followed
> 200
A/µs
f
Frequency bandwidth (- 1dB)1)
DC .. 150
kHz
General data
T
A
Ambient operating temperature
- 10 .. + 80 °C
T
S
Ambient storage temperature
- 15 .. + 85 °C
R
S
Secondary coil resistance
80
m
Mass
25
g
Current Transducer LA 150-P
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
I
PN
= 150 A
Features
Closed loop (compensation) current
transducer using the Hall effect
Printed circuit board mounting
Advantages
Excellent accuracy
Very good linearity
Low temperature drift
Optimized response time
Wide frequency bandwidth
No insertion losses
High immunity to external
interference
Current overload capacity
Applications
AC variable speed drives and servo
motor drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Switched Mode Power Supplies
(SMPS)
Power supplies for welding
applications
LEM Components
www.lem.com
010118/2
Preliminary
Notes :
EN 50178 approval pending
1) Derating is needed to avoid excessive core heating at high frequency.


Similar Part No. - LA150-P

ManufacturerPart #DatasheetDescription
logo
LEM
LA150-P LEM-LA150-P Datasheet
572Kb / 2P
   Current Transducer
LA150-P LEM-LA150-P_06 Datasheet
572Kb / 2P
   Current Transducer
LA150-P LEM-LA150-P_12 Datasheet
225Kb / 3P
   Current Transducer
More results

Similar Description - LA150-P

ManufacturerPart #DatasheetDescription
logo
LEM
LA-150-P LEM-LA-150-P Datasheet
336Kb / 4P
   Current Transducer LA 150-P
LA-100-P LEM-LA-100-P Datasheet
639Kb / 3P
   Current Transducer LA 100-P
LA100P LEM-LA100P Datasheet
69Kb / 2P
   CURRENT TRANSDUCER LA 100-P
LA55-P LEM-LA55-P Datasheet
68Kb / 2P
   Current Transducer LA 55-P
LA55P LEM-LA55P Datasheet
68Kb / 2P
   Current Transducer LA 55-P
LA100-P LEM-LA100-P Datasheet
69Kb / 2P
   Current Transducer LA 100-P
LA125-P LEM-LA125-P Datasheet
84Kb / 2P
   Current Transducer LA 125-P
LA200-P LEM-LA200-P Datasheet
85Kb / 2P
   Current Transducer LA 200-P
LA305-S LEM-LA305-S Datasheet
65Kb / 2P
   Current Transducer LA 305-S
LA205-S LEM-LA205-S Datasheet
73Kb / 2P
   Current Transducer LA 205-S
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com