Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3245DDVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3245DDVR
Description  200W Mono PurePath Ultra-HD Analog-Input
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3245DDVR Datasheet(HTML) 1 Page - Texas Instruments

  TPA3245DDVR Datasheet HTML 1Page - Texas Instruments TPA3245DDVR Datasheet HTML 2Page - Texas Instruments TPA3245DDVR Datasheet HTML 3Page - Texas Instruments TPA3245DDVR Datasheet HTML 4Page - Texas Instruments TPA3245DDVR Datasheet HTML 5Page - Texas Instruments TPA3245DDVR Datasheet HTML 6Page - Texas Instruments TPA3245DDVR Datasheet HTML 7Page - Texas Instruments TPA3245DDVR Datasheet HTML 8Page - Texas Instruments TPA3245DDVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Power Supply
110VAC->240VAC
TAS5630
30V
TPA3245
Audio
Source
And Control
RIGHT
LEFT
LC
Filter
LC
Filter
/RESET
/FAULT
M1:M2
FREQ_ADJ
OSC_IO
/CLIP_OTW
Operation Mode Select
Switching Frequency Select
12V
Master/Slave Synchronization
TO BE UPDATED
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
TPA3245
SLASEC7 – APRIL 2016
TPA3245 100-W Stereo, 200-W Mono PurePath™ Ultra-HD Analog-Input
1
1 Features
1
Differential Analog Inputs
Total Output Power at 10%THD+N
115-W Stereo into 4
Ω in BTL Configuration
150-W Stereo into 3
Ω in BTL Configuration
230-W Mono into 2
Ω in PBTL Configuration
Total Output Power at 1%THD+N
95-W Stereo into 4
Ω in BTL Configuration
125-W Stereo into 3
Ω in BTL Configuration
190-W Mono into 2
Ω in PBTL Configuration
Advanced Integrated Feedback Design with High-
speed Gate Driver Error Correction
(PurePath™ Ultra-HD)
Signal Bandwidth up to 100 kHz for High
Frequency Content From HD Sources
Ultra Low 0.005% THD+N at 1 W into 4
Ω and
<0.01% THD+N to Clipping
60 dB PSRR (BTL, No Input Signal)
<55 µV (A-Weighted) Output Noise
>111 dB (A Weighted) SNR
Multiple Configurations Possible:
Stereo, Mono, 2.1 and 4xSE
Click and Pop Free Startup and Stop
90% Efficient Class-D Operation (4
Ω)
Wide 12-V to 30-V Supply Voltage Operation
Self-Protection Design (Including Undervoltage,
Overtemperature, Clipping, and Short Circuit
Protection) With Error Reporting
EMI Compliant When Used With Recommended
System Design
2 Applications
Blu-ray Disk™ / DVD Receivers
High End TV sets
High End Soundbar
Mini Combo Systems
Active Speakers and Subwoofers
3 Description
TPA3245 is a high performance class-D power
amplifier that enables true premium sound quality
with class-D efficiency. It features an advanced
integrated feedback design and proprietary high-
speed gate driver error correction (PurePath™ Ultra-
HD). This technology allows ultra low distortion
across the audio band and superior audio quality.
The device can drive up to 2 x 100 W into 4-
Ω load
and 2 x 133 W into 3-
Ω load and features a 2 VRMS
analog input interface that works seamlessly with high
performance DACs such as TI's PCM5242. In
addition to excellent audio performance, TPA3245
achieves both high power efficiency and very low
power stage idle losses below 0.8 W. This is
achieved through the use of 60 m
Ω MOSFETs and
an optimized gate driver scheme that achieves
significantly lower idle losses than typical discrete
implementations.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPA3245
HTSSOP (44)
6.10 mm x 14.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
Total Harmonic Distortion


Similar Part No. - TPA3245DDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3245 TI-TPA3245 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3245DDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3255 TI1-TPA3255 Datasheet
467Kb / 29P
[Old version datasheet]   600W Mono PurePath Ultra-HD Analog-Input
TPA3251 TI1-TPA3251 Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TAS5611A TI-TAS5611A_15 Datasheet
1Mb / 28P
[Old version datasheet]   STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TPA3255 TI-TPA3255_V01 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com