Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2013D1RGPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2013D1RGPR
Description  Constant Output Power Class-D Audio Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2013D1RGPR Datasheet(HTML) 5 Page - Texas Instruments

  TPA2013D1RGPR Datasheet HTML 1Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 2Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 3Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 4Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 5Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 6Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 7Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 8Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
TPA2013D1
www.ti.com
SLOS520A – AUGUST 2007 – REVISED MARCH 2016
Product Folder Links: TPA2013D1
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
IDD is calculated using IDD = (ICC× VCC)/(VDD×η), where ICC is the class D amplifier quiescent current; η = 40%, which is the boost
converter efficiency when class D amplifier has no load. To achieve the minimal 40%
η, it is recommended to use the suggested
inductors in table 4 and to follow the layout guidelines.
7.5 DC Characteristics
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Class-D audio power amplifier
voltage supply range, VCCIN
3
5.5
V
ISD
Shutdown quiescent current
SDd = SDb = 0 V, VDD = 1.8 V, RL = 8 Ω
0.04
1.5
μA
SDd = SDb = 0 V, VDD = 3.6 V, RL = 8 Ω
0.04
1.5
SDd = SDb = 0 V, VDD = 4.5 V, RL = 8 Ω
0.02
1.5
SDd = SDb = 0.35 V, VDD = 1.8 V, RL = 8 Ω
0.03
1.5
SDd = SDb = 0.35 V, VDD = 3.6 V, RL = 8 Ω
0.03
1.5
SDd = SDb = 0.35 V, VDD = 4.5 V, RL = 8 Ω
0.02
1.5
IDD
Boost converter quiescent
current
SDd = 0 V, SDb = 1.3 V, VDD = 3.6 V, VCC = 5.5 V, No
Load, No Filter
1.3
mA
ICC
Class D amplifier quiescent
current
VDD = 3.6, Vcc = 5.5 V, No Load, No Filter
4.3
6
mA
VDD = 4.5, Vcc = 5.5 V, No Load, No Filter
3.6
6
IDD
Boost converter and audio
power amplifier quiescent
current, Class D(1)
SDd = SDb = 1.3 V, VDD = 3.6 V, Vcc = 5.5 V, No Load,
No Filter
16.5
23
mA
SDd = SDb = 1.3V, VDD = 4.5 V, Vcc = 5.5 V, No Load,
No Filter
11
18.5
f
Boost converter switching
frequency
500
600
700
kHz
Class D switching frequency
250
300
350
kHz
UVLO
Under voltage lockout
1.7
V
GAIN
Gain input low level
Gain = 2 V/V (6 dB)
0
0.35
V
Gain input mid level
Gain = 6 V/V (15.5 dB) (floating input)
0.7
0.8
1
V
Gain input high level
Gain = 10 V/V (20 dB)
1.35
V
PORD
Class D Power on reset ON
threshold
2.8
V
7.6 Boost Converter DC Characteristics
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Output voltage range
3
5.5
V
VFB
Feedback voltage
490
500
510
mV
IOL
Output current limit, Boost_max
1300
1500
1700
mA
RON_PB
PMOS switch resistance
220
m
RON_NB
NMOS resistance
170
m
Line regulation
No Load, 1.8 V < VDD < 5.2
V, VCC = 5.5 V
3
mV/V
Load regulation
VDD = 3.6 V, 0 < IL < 500 mA,
VCC = 5.5 V
30
mV/A
IL
Start-up current limit, Boost
0.4×IBoost
mA


Similar Part No. - TPA2013D1RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2013D1RGPR TI-TPA2013D1RGPR Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results

Similar Description - TPA2013D1RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2080D1 TI1-TPA2080D1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2018 ANPEC-APA2018 Datasheet
276Kb / 19P
   3.6W Constant Output Power Class-D Audio Amplifier
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
logo
ON Semiconductor
NCP2830 ONSEMI-NCP2830 Datasheet
314Kb / 15P
   1W Constant Filterless Class-D Audio Amplifier
August, 2009 ??Rev. 0
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com