Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2013D1 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPA2013D1
Description  Constant Output Power Class-D Audio Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2013D1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA2013D1_16 Datasheet HTML 2Page - Texas Instruments TPA2013D1_16 Datasheet HTML 3Page - Texas Instruments TPA2013D1_16 Datasheet HTML 4Page - Texas Instruments TPA2013D1_16 Datasheet HTML 5Page - Texas Instruments TPA2013D1_16 Datasheet HTML 6Page - Texas Instruments TPA2013D1_16 Datasheet HTML 7Page - Texas Instruments TPA2013D1_16 Datasheet HTML 8Page - Texas Instruments TPA2013D1_16 Datasheet HTML 9Page - Texas Instruments TPA2013D1_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
TPA2013D1
SLOS520A – AUGUST 2007 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPA2013D1
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.7 Class D Amplifier DC Characteristics
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CMR
Input common mode range
Vin = ±100 mV, VDD = 1.8 V, VCC = 3 V, RL = 8 Ω
0.5
2.2
V
Vin = ±100 mV, VDD = 2.5 V, VCC = 3.6 V, RL = 8 Ω
0.5
2.8
Vin = ±100 mV, VDD = 3.6 V, VCC = 5.5 V, RL = 8 Ω
0.5
4.7
CMRR
Input common mode rejection
RL = 8 Ω, Vicm = 0.5 and Vicm = VCC – 0.8, differential
inputs shorted
–75
dB
VOO
Output offset voltage
Class-D
VCC = 3.6 V, Av = 2 V/V, IN+ = IN– = Vref, RL = 8 Ω
1
6
mV
VCC= 3.6 V, Av = 6 V/V, IN+ = IN– = Vref, RL = 8 Ω
1
6
VCC= 3.6 V, Av = 10 V/V, IN+ = IN– = Vref, RL = 8 Ω
1
6
VCC = 5.5 V, Av = 2 V/V, IN+ = IN– = Vref, RL = 8 Ω
1
6
Rin
Input Impedance
Gain = 2 V/V (6 dB)
32
k
Gain = 6 V/V (15.5 dB)
15
Gain = 10 V/V (20 dB)
9.5
RDS(on)
OUTP High-side FET On-state
series resistance
IOUTx = –300 mA; VCC = 3.6 V
0.36
OUTP Low-side FET On-state
series resistance
0.36
RDS(on)
OUTN High-side FET On-state
series resistance
0.36
OUTN Low-side FET On-state
series resistance
0.36
AV
Low Gain
GAIN
≤ 0.35 V
1.8
2
2.2
V/V
Mid Gain
GAIN = 0.8 V
5.7
6
6.3
V/V
High Gain
GAIN
≥ 1.35 V
9.5
10
10.5
V/V
7.8 AC Characteristics
TA = 25°C, VDD = 3.6 V, RL = 8 Ω, L = 4.7 μH (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSTART
Start up time
1.8 V
≤ VDD ≤ 5.5 V, CIN ≤ 1 μF
7.5
ms
η
Efficiency
THD+N = 1%, VCC = 5.5 V, VDD = 3.6 V,
RL= 8 Ω, Pout = 1.7 W, Cboost= 47μF
85%
THD+N = 1%, VCC = 5.5 V, VDD = 4.2 V,
RL = 8 Ω, Pout = 1.7 W
87.5%
Thermal Shutdown
Threshold
150
°C


Similar Part No. - TPA2013D1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results

Similar Description - TPA2013D1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2080D1 TI1-TPA2080D1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2018 ANPEC-APA2018 Datasheet
276Kb / 19P
   3.6W Constant Output Power Class-D Audio Amplifier
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
logo
ON Semiconductor
NCP2830 ONSEMI-NCP2830 Datasheet
314Kb / 15P
   1W Constant Filterless Class-D Audio Amplifier
August, 2009 ??Rev. 0
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com