Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3104-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV320AIC3104-Q1
Description  Low-Power Stereo Audio Codec for Infotainment and Cluster
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3104-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV320AIC3104-Q1_16 Datasheet HTML 3Page - Texas Instruments TLV320AIC3104-Q1_16 Datasheet HTML 4Page - Texas Instruments TLV320AIC3104-Q1_16 Datasheet HTML 5Page - Texas Instruments TLV320AIC3104-Q1_16 Datasheet HTML 6Page - Texas Instruments TLV320AIC3104-Q1_16 Datasheet HTML 7Page - Texas Instruments TLV320AIC3104-Q1_16 Datasheet HTML 8Page - Texas Instruments TLV320AIC3104-Q1_16 Datasheet HTML 9Page - Texas Instruments TLV320AIC3104-Q1_16 Datasheet HTML 10Page - Texas Instruments TLV320AIC3104-Q1_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
7
TLV320AIC3104-Q1
www.ti.com
SLAS715A – JUNE 2010 – REVISED MARCH 2016
Product Folder Links: TLV320AIC3104-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
At 25°C, AVDD_DAC = DRVDD = IOVDD = 3.3 V, DVDD = 1.8 V, fS = 48 kHz, 16-bit audio data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(3)
Unless otherwise noted, all measurements use output common-mode voltage setting of 1.35 V, 0-dB output level control gain, 16-
single-ended load.
Input resistance
MIC1L/MIC1R inputs routed to single ADC input
mix attenuation = 0 dB
20
k
MIC1L/MIC1R inputs routed to single ADC input
mix attenuation = 12 dB
80
MIC2L/MIC2R inputs routed to single ADC input
mix attenuation = 0 dB
20
MIC2L/MIC2R inputs routed to single ADC input
mix attenuation = 12 dB
80
Input resistance
80
k
Input capacitance
MIC1/LINE1 inputs
10
pF
Input level control minimum attenuation
setting
0
dB
Input level control maximum attenuation
setting
12
dB
Input level control attenuation step size
1.5
dB
ANALOG PASSTHROUGH MODE
RDS(on)
Input-to-output switch resistance
MIC1/LIN1 to LINEOUT
330
MIC2/LIN2 to LINEOUT
330
INPUT SIGNAL LEVEL, DIFFERENTIAL
SNR
Signal-to-noise ratio
A-weighted, fS = 48 ksps, 0-dB PGA gain, inputs
AC
‑shorted to ground
92
dB
THD
Total harmonic distortion
fS = 48 kHz;
0-dB PGA gain, 1 kHz, –2-dB full-scale input signal
–94
dB
ADC DIGITAL DECIMATION FILTER, fS = 48 kHz
Filter gain
From 0 to 0.39 fS
±0.1
dB
At 0.4125 fS
–0.25
At 0.45 fS
–3
At 0.5 fS
–17.5
From 0.55 fS to 64 fS
–75
Filter group delay
17/fS
s
MICROPHONE BIAS
Bias voltage
Programmable setting = 2 V
2
V
Programmable setting = 2.5 V
2.3
2.455
2.7
Programmable setting = DRVDD
DRVDD - 0.24
Current sourcing
Programmable setting = 2.5 V
4
mA
AUDIO DAC - DIFFERENTIAL LINE OUTPUT, RLOAD = 10 kΩ
Full-scale output voltage
0-dB input full-scale signal, output common-mode
setting = 1.35 V, output volume control = 0 dB
1.414
VRMS
4
VPP
Signal-to-noise ratio(3)
A-weighted, fS = 48 kHz, output volume control = 0 dB,
no input signal, referenced to full-scale input level
90
102
dB
Dynamic range
A-weighted, fS = 48 kHz, –60-dB input full-scale signal,
output volume control = 0 dB, output common-mode
setting = 1.35 V
97
dB
Total harmonic distortion
fS = 48 kHz; 0-dB, 1-kHz input full-scale signal;
output volume control = 0 dB;
output common-mode setting = 1.35 V
–95
–75
dB
PSRR
Power-supply rejection ratio
217-Hz signal applied to DRVDD, AVDD_DAC
78
dB
1-kHz signal applied to DRVDD, AVDD_DAC
80
DAC channel separation
0-dB full-scale input signal between left and
right lineout
86
dB
DAC interchannel gain mismatch
1-kHz input, 0-dB gain
0.1
dB
DAC gain error
0-dB, 1-kHz input full-scale signal; output volume
control = 0 dB; output common-mode setting = 1.35 V;
fS = 48 kHz
–0.2
dB


Similar Part No. - TLV320AIC3104-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3104-Q1 TI-TLV320AIC3104-Q1_15 Datasheet
1Mb / 92P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
More results

Similar Description - TLV320AIC3104-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3104-Q1 TI1-TLV320AIC3104-Q1_V01 Datasheet
2Mb / 102P
[Old version datasheet]   TLV320AIC3104-Q1 Automotive, Low-Power Stereo Audio Codec for Infotainment and Cluster
REVISED JANUARY 2023
TLV320AIC3104 TI1-TLV320AIC3104_17 Datasheet
1Mb / 97P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio and Telephony
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
   Low Power Stereo Audio CODEC
logo
Texas Instruments
TLV320AIC3104 TI-TLV320AIC3104_15 Datasheet
1Mb / 95P
[Old version datasheet]   TLV320AIC3104 Low-Power Stereo Audio Codec for Portable Audio and Telephony
TLV320AIC3104-Q1 TI-TLV320AIC3104-Q1_15 Datasheet
1Mb / 92P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
TLV320AIC3268 TI1-TLV320AIC3268 Datasheet
4Mb / 263P
[Old version datasheet]   Low Power Stereo Audio Codec
PCM3793A TI1-PCM3793A_16 Datasheet
1Mb / 70P
[Old version datasheet]   Low-Power Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com