Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5720MRSMT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5720MRSMT
Description  Digital Input Mono Class-D Audio Amplifier
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5720MRSMT Datasheet(HTML) 1 Page - Texas Instruments

  TAS5720MRSMT Datasheet HTML 1Page - Texas Instruments TAS5720MRSMT Datasheet HTML 2Page - Texas Instruments TAS5720MRSMT Datasheet HTML 3Page - Texas Instruments TAS5720MRSMT Datasheet HTML 4Page - Texas Instruments TAS5720MRSMT Datasheet HTML 5Page - Texas Instruments TAS5720MRSMT Datasheet HTML 6Page - Texas Instruments TAS5720MRSMT Datasheet HTML 7Page - Texas Instruments TAS5720MRSMT Datasheet HTML 8Page - Texas Instruments TAS5720MRSMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
FAULTZ
SDZ
LRCLK
MCLK
BCLK
SDIN
OUT_P
BST_P
BST_N
OUT_N
ADR0
ADR1
TAS5720L/M
System
Interface
DAC
Protections:
x
Pop/Click
x
Overcurrent
x
Over Temperature
Voltage
Regulators
Closed-
Loop
Class-D
Amplifier
SDA
SCL
4.5 V - 16.5 V, TAS5720L
4.5 V - 26.4 V, TAS5720M
3.3 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TAS5720L, TAS5720M
SLOS903B – MAY 2015 – REVISED FEBRUARY 2016
TAS5720x Digital Input Mono Class-D Audio Amplifier
With TDM Support Up To 8 Channels
1
1 Features
1
Mono Class-D Amplifier
20 W at 0.15% THD Continuous into
19 V / 4
Ω
TDM Audio Input
Up to 8 Channels (32-bit, 48 kHz)
I2C Control With 8 Selectable I2C Address
Power Supplies
Power Amplifier: 4.5 V to 16.5 V, TAS5720L
Power Amplifier: 4.5 V to 26.4 V, TAS5720M
Digital I/O: 3.3 V
Protection: Thermal and Short-Circuit
Package: 4 mm × 4 mm, 32-pin VQFN
2 Applications
Sub Woofers
Boom Boxes
Bar Speakers
Surround Sound Systems
3 Description
The TAS5720x device is a high-efficiency mono
Class-D audio power amplifier optimized for high
transient power capability to use the dynamic power
headroom of small loudspeakers. The device is
capable of delivering more than 15 W continuously
into a 4-
Ω speaker.
The digital time division multiplexed (TDM) interface
enables up to eight devices to share the same bus.
The TAS5720x device is available in a 32-pin,
4 mm × 4 mm, VQFN package for a compact PCB
footprint.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TAS5720L
VQFN (32)
4.00 mm × 4.00 mm
TAS5720M
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - TAS5720MRSMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5720A-Q1 TI1-TAS5720A-Q1 Datasheet
813Kb / 48P
[Old version datasheet]   1x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1_18 Datasheet
1Mb / 46P
[Old version datasheet]   1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720ATDAPQ1 TI1-TAS5720ATDAPQ1 Datasheet
1Mb / 46P
[Old version datasheet]   1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720ATDAPRQ1 TI1-TAS5720ATDAPRQ1 Datasheet
813Kb / 48P
[Old version datasheet]   1x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
More results

Similar Description - TAS5720MRSMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5722L TI1-TAS5722L Datasheet
304Kb / 13P
[Old version datasheet]   TAS5722L Digital Input Mono Class-D Audio Amplifier
logo
Analog Devices
SSM2537ACBZ-RL AD-SSM2537ACBZ-RL Datasheet
331Kb / 16P
   PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
SSM2517 AD-SSM2517 Datasheet
429Kb / 16P
   PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
SSM2529 AD-SSM2529 Datasheet
811Kb / 52P
   Digital Input, Mono 2 W, Class-D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
NS4168 YONGFUKANG-NS4168 Datasheet
810Kb / 15P
   Digital input, anti-aliasing, 2.5W mono Class D audio amplifier I2S
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
[Old version datasheet]   Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
logo
NXP Semiconductors
TFA9879 NXP-TFA9879 Datasheet
1Mb / 60P
   Mono BTL class-D audio amplifier for portable applications with digital input
Rev. 02-15 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com