Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5727 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5727
Description  Digital Audio Power Amplifier
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5727 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5727_16 Datasheet HTML 1Page - Texas Instruments TAS5727_16 Datasheet HTML 2Page - Texas Instruments TAS5727_16 Datasheet HTML 3Page - Texas Instruments TAS5727_16 Datasheet HTML 4Page - Texas Instruments TAS5727_16 Datasheet HTML 5Page - Texas Instruments TAS5727_16 Datasheet HTML 6Page - Texas Instruments TAS5727_16 Datasheet HTML 7Page - Texas Instruments TAS5727_16 Datasheet HTML 8Page - Texas Instruments TAS5727_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
SDIN
MCLK
SCLK
LRCLK
Serial
Audio
Port
Protection
Logic
Click and Pop
Control
Digital Audio Processor
(DAP)
SDA
SCL
4
Order
th
Noise
Shaper
and
PWM
S
R
C
Sample Rate
Autodetect
and PLL
Serial
Control
Microcontroller
Based
System
Control
Terminal Control
OUT_A
OUT_B
2 HB
´
FET Out
OUT_C
OUT_D
2 HB
´
FET Out
B0262-06
Copyright © 2016 Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TAS5727
SLOS670A – NOVEMBER 2010 – REVISED MAY 2016
TAS5727 25-W Digital Audio Power Amplifier With EQ and DRC
1
1 Features
1
Audio Input and Output
25 W Into an 8-
Ω Load From a 20-V Supply
Wide PVDD Range, From 8 V to 26 V
Supports BTL Configuration With 4-
Ω Load
Efficient Class-D Operation Eliminates Need
for Heatsinks
One Serial Audio Input (Two Audio Channels)
I2C Address Selection Pin (Chip Select)
Single Output Filter PBTL Support
Supports 44.1-kHz to 48-kHz Sample Rate
(LJ/RJ/I2S)
Audio and PWM Processing
Independent Channel Volume Controls With
Gain of 24 dB to Mute With 0.125-dB
Resolution Steps
Programmable Two-Band Dynamic-Range
Control
18 Programmable Biquads for Speaker EQ
and Other Audio-Processing Features
Programmable Coefficients for DRC Filters
DC Blocking Filters
General Features
I2C Serial Control Interface Operational
Without MCLK
Requires Only 3.3 V and PVDD
No External Oscillator: Internal Oscillator for
Automatic Rate Detection
Surface-Mount, 48-Pin HTQFP Package
Thermal and Short-Circuit Protection
106-dB SNR, A-Weighted
AD, BD, and Ternary Modulation
Up to 90% Efficient
PWM Level Meter to Measure the Digital
Power Profile
Benefits
EQ: Speaker Equalization Improves Audio
Performance
Two-Band DRC: Dynamic Range
Compression. Can Be Used As Power Limiter.
Enables Speaker Protection, Easy Listening,
Night-Mode Listening
Autodetect: Automatically Detects Sample-
Rate Changes. No Need for External
Microprocessor Intervention
2 Applications
LCD TV, LED TV, Soundbar
3 Description
The TAS5727 is a 25-W, efficient, digital-audio power
amplifier for driving stereo bridge-tied speakers. One
serial data input allows processing of up to two
discrete audio channels and seamless integration to
most digital audio processors and MPEG decoders.
The device accepts a wide range of input data and
data rates. A fully programmable data path routes
these channels to the internal speaker drivers.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TAS5727
HTQFP (48)
7.00 mm × 7.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional View


Similar Part No. - TAS5727_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5727 TI1-TAS5727_14 Datasheet
1Mb / 62P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI-TAS5727_15 Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results

Similar Description - TAS5727_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5731M TI1-TAS5731M_15 Datasheet
2Mb / 81P
[Old version datasheet]   Digital Audio Power Amplifier
TAS5721 TI1-TAS5721_16 Datasheet
1Mb / 78P
[Old version datasheet]   Digital Audio Power Amplifier
TAS5733L TI1-TAS5733L Datasheet
2Mb / 68P
[Old version datasheet]   Digital Input Audio Power Amplifier
logo
Intersil Corporation
D2-24044-MR INTERSIL-D2-24044-MR Datasheet
337Kb / 20P
   Digital Audio Amplifier Power Stage
September 3, 2010
logo
Renesas Technology Corp
D2-24044 RENESAS-D2-24044 Datasheet
824Kb / 20P
   Digital Audio Amplifier Power Stage
logo
Intersil Corporation
D2-24044 INTERSIL-D2-24044 Datasheet
341Kb / 20P
   Digital Audio Amplifier Power Stage
logo
Texas Instruments
TAS5751M TI1-TAS5751M Datasheet
2Mb / 70P
[Old version datasheet]   Digital Input Audio Power Amplifier
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com