Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9BF304RB Datasheet(PDF) 10 Page - SPANSION

Part # MB9BF304RB
Description  This document states the current technical specifications regarding
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF304RB Datasheet(HTML) 10 Page - SPANSION

Back Button MB9BF304RB Datasheet HTML 6Page - SPANSION MB9BF304RB Datasheet HTML 7Page - SPANSION MB9BF304RB Datasheet HTML 8Page - SPANSION MB9BF304RB Datasheet HTML 9Page - SPANSION MB9BF304RB Datasheet HTML 10Page - SPANSION MB9BF304RB Datasheet HTML 11Page - SPANSION MB9BF304RB Datasheet HTML 12Page - SPANSION MB9BF304RB Datasheet HTML 13Page - SPANSION MB9BF304RB Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 113 page
background image
D a t a S h e e t
December 15, 2014, MB9B300B-DS706-00024-3v0-E
7
CONFIDENTIAL
 PRODUCT LINEUP
 Memory size
Product device
MB9BF304NB/RB
MB9BF305NB/RB
MB9BF306NB/RB
On-chip Flash memory
256Kbyte
384Kbyte
512Kbyte
On-chip SRAM
32Kbyte
48Kbyte
64Kbyte
 Function
Product device
MB9BF304NB
MB9BF305NB
MB9BF306NB
MB9BF304RB
MB9BF305RB
MB9BF306RB
Pin count
100
120
CPU
Cortex-M3
Freq.
80MHz
Power supply voltage range
2.7V to 5.5V
USB2.0 (Function/Host)
1ch
DMAC
8ch
External Bus Interface
Addr:25bit (Max.)
Data:8/16 bit
CS:5(Max.)
Support: SRAM, NOR Flash
Addr:25bit (Max.)
Data:8/16 bit
CS:8(Max.)
Support: SRAM, NOR & NAND
Flash
Multi-function Serial Interface
(UART/CSIO/LIN/I
2C)
8ch (Max.)
Base Timer
(PWC/ Reload timer/PWM/PPG)
8ch (Max.)
MF-
Timer
A/D activation compare
3ch.
2 units (Max.)
Input capture
4ch.
Free-run timer
3ch.
Output compare
6ch.
Waveform generator
3ch.
PPG
3ch.
QPRC
2ch (Max.)
Dual Timer
1 unit
Watch Counter
1 unit
CRC Accelerator
Yes
Watchdog timer
1ch(SW) + 1ch(HW)
External Interrupts
16pins (Max.)+ NMI × 1
I/O ports
80pins (Max.)
100pins (Max.)
12 bit A/D converter
16ch (3 units)
CSV (Clock Super Visor)
Yes
LVD (Low Voltage Detector)
2ch
Built-in CR
High-speed
4MHz
Low-speed
100kHz
Debug Function
SWJ-DP/ETM
Note: All signals of the peripheral function in each product cannot be allocated by limiting the pins of package.
It is necessary to use the port relocate function of the General I/O port according to your function use.
See " ELECTRICAL CHARACTERISTICS 4.AC Characteristics (3)Built-in CR Oscillation
Characteristics" for accuracy of built-in CR.


Similar Part No. - MB9BF304RB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9BF304RBPMC-G-JNE2 CYPRESS-MB9BF304RBPMC-G-JNE2 Datasheet
1Mb / 112P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9BF304RBPMC-G-UNE1 CYPRESS-MB9BF304RBPMC-G-UNE1 Datasheet
1Mb / 112P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results

Similar Description - MB9BF304RB

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9A310A SPANSION-MB9A310A Datasheet
3Mb / 125P
   This document states the current technical specifications regarding
MB9B110T SPANSION-MB9B110T Datasheet
3Mb / 129P
   This document states the current technical specifications regarding
MB9B500B SPANSION-MB9B500B Datasheet
3Mb / 113P
   This document states the current technical specifications regarding
MB9B520TA SPANSION-MB9B520TA Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB9B610T SPANSION-MB9B610T Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB91F587L SPANSION-MB91F587L Datasheet
1Mb / 177P
   This document states the current technical specifications regarding
MB9A110K SPANSION-MB9A110K Datasheet
2Mb / 89P
   This document states the current technical specifications regarding
MB9A150RB SPANSION-MB9A150RB Datasheet
3Mb / 133P
   This document states the current technical specifications regarding
MB9B100A SPANSION-MB9B100A Datasheet
2Mb / 109P
   This document states the current technical specifications regarding
MB9B120TA SPANSION-MB9B120TA Datasheet
3Mb / 137P
   This document states the current technical specifications regarding
MB9B410R SPANSION-MB9B410R Datasheet
2Mb / 121P
   This document states the current technical specifications regarding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com