Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9BF112R Datasheet(PDF) 5 Page - SPANSION

Part # MB9BF112R
Description  This document states the current technical specifications regarding
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF112R Datasheet(HTML) 5 Page - SPANSION

  MB9BF112R Datasheet HTML 1Page - SPANSION MB9BF112R Datasheet HTML 2Page - SPANSION MB9BF112R Datasheet HTML 3Page - SPANSION MB9BF112R Datasheet HTML 4Page - SPANSION MB9BF112R Datasheet HTML 5Page - SPANSION MB9BF112R Datasheet HTML 6Page - SPANSION MB9BF112R Datasheet HTML 7Page - SPANSION MB9BF112R Datasheet HTML 8Page - SPANSION MB9BF112R Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 121 page
background image
D a t a S h e e t
2
MB9B110R-DS706-00028-3v0-E, March 11, 2015
CONFIDENTIAL
 Features
 32-bit ARM Cortex-M3 Core
・ Processor version: r2p1
・ Up to 144 MHz Frequency Operation
・ Memory Protection Unit (MPU): improves the reliability of an embedded system
・ Integrated Nested Vectored Interrupt Controller (NVIC): 1 NMI (non-maskable interrupt) and 48
peripheral interrupts and 16 priority levels
・ 24-bit System timer (Sys Tick): System timer for OS task management
 On-chip Memories
[Flash memory]
These series are based on two independent on-chip Flash memories.
・ MainFlash
・ Up to 512 Kbyte
・ Built-in Flash Accelerator System with 16 Kbyte trace buffer memory
・ The read access to Flash memory can be achieved without wait cycle up to operation frequency of
72 MHz. Even at the operation frequency more than 72 MHz, an equivalent access to Flash memory
can be obtained by Flash Accelerator System.
・ Security function for code protection
・ WorkFlash
・ 32 Kbyte
・ Read cycle
・ 4 wait-cycle: the operation frequency more than 72 MHz
・ 2 wait-cycle: the operation frequency more than 40 MHz, and to 72 MHz
・ 0wait-cycle: the operation frequency to 40 MHz
・ Security function is shared with code protection
[SRAM]
This Series contain a total of up to 64 Kbyte on-chip SRAM. This is composed of two independent SRAM
(SRAM0, SRAM1). SRAM0 is connected to I-code bus and D-code bus of Cortex-M3 core. SRAM1 is
connected to System bus.
・ SRAM0: Up to 32 Kbyte
・ SRAM1: Up to 32 Kbyte
 External Bus Interface
・ Supports SRAM, NOR and NAND Flash device
・ Up to 8 chip selects
・ 8-/16-bit Data width
・ Up to 25-bit Address bit
・ Maximum area size : Up to 256 Mbytes
・ Supports Address/Data multiplex
・ Supports external RDY input


Similar Part No. - MB9BF112R

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9BF112RPMC-G-JNE2 CYPRESS-MB9BF112RPMC-G-JNE2 Datasheet
1Mb / 117P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results

Similar Description - MB9BF112R

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9A310A SPANSION-MB9A310A Datasheet
3Mb / 125P
   This document states the current technical specifications regarding
MB9B110T SPANSION-MB9B110T Datasheet
3Mb / 129P
   This document states the current technical specifications regarding
MB9B500B SPANSION-MB9B500B Datasheet
3Mb / 113P
   This document states the current technical specifications regarding
MB9B520TA SPANSION-MB9B520TA Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB9B610T SPANSION-MB9B610T Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB91F587L SPANSION-MB91F587L Datasheet
1Mb / 177P
   This document states the current technical specifications regarding
MB9A110K SPANSION-MB9A110K Datasheet
2Mb / 89P
   This document states the current technical specifications regarding
MB9A150RB SPANSION-MB9A150RB Datasheet
3Mb / 133P
   This document states the current technical specifications regarding
MB9B100A SPANSION-MB9B100A Datasheet
2Mb / 109P
   This document states the current technical specifications regarding
MB9B120TA SPANSION-MB9B120TA Datasheet
3Mb / 137P
   This document states the current technical specifications regarding
MB9B410R SPANSION-MB9B410R Datasheet
2Mb / 121P
   This document states the current technical specifications regarding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com