Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9A340NB Datasheet(PDF) 4 Page - SPANSION

Part # MB9A340NB
Description  The MB9A340NB Series are highly integrated
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9A340NB Datasheet(HTML) 4 Page - SPANSION

  MB9A340NB Datasheet HTML 1Page - SPANSION MB9A340NB Datasheet HTML 2Page - SPANSION MB9A340NB Datasheet HTML 3Page - SPANSION MB9A340NB Datasheet HTML 4Page - SPANSION MB9A340NB Datasheet HTML 5Page - SPANSION MB9A340NB Datasheet HTML 6Page - SPANSION MB9A340NB Datasheet HTML 7Page - SPANSION MB9A340NB Datasheet HTML 8Page - SPANSION MB9A340NB Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 125 page
background image
MB9A340NB Series
32-bit ARM
® Cortex®-M3 based Microcontroller
MB9AF341LB/MB/NB, MB9AF342LB/MB/NB,
MB9AF344LB/MB/NB
Data Sheet (Full Production)
Publication Number MB9A340NB_DS706-00039
Revision 4.0
Issue Date June 10, 2015
CONFIDENTIAL
This document states the current technical specifications regarding the Spansion product(s) described herein. Spansion Inc. deems the products to have been in sufficient
production volume such that subsequent versions of this document are not expected to change. However, typographical or specification corrections, or modifications to the
valid combinations offered may occur.
 Description
The MB9A340NB Series are highly integrated 32-bit microcontrollers dedicated for embedded controllers
with low-power consumption mode and competitive cost.
These series are based on the ARM Cortex-M3 Processor with on-chip Flash memory and SRAM, and have
peripheral functions such as various timers, ADCs, and Communication Interfaces (USB, UART, CSIO,
I
2C).
The products which are described in this data sheet are placed into TYPE6 product categories in FM3
Family Peripheral Manual.
Note: ARM and Cortex are the trademarks of ARM Limited in the EU and other countries.


Similar Part No. - MB9A340NB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9A340NB CYPRESS-MB9A340NB Datasheet
2Mb / 126P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
More results

Similar Description - MB9A340NB

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9AAA0N SPANSION-MB9AAA0N Datasheet
3Mb / 109P
   The MB9AAA0N Series are highly integrated
MB9AB40NB SPANSION-MB9AB40NB Datasheet
4Mb / 129P
   The MB9AB40NB Series are highly integrated
MB9B120M SPANSION-MB9B120M Datasheet
3Mb / 109P
   The MB9B120M Series are highly integrated
MB9A130LB SPANSION-MB9A130LB Datasheet
2Mb / 89P
   The MB9A130LB Series are highly integrated
MB9A140NB SPANSION-MB9A140NB Datasheet
4Mb / 121P
   The MB9A140NB Series are highly integrated
logo
STMicroelectronics
UM1063 STMICROELECTRONICS-UM1063 Datasheet
1Mb / 32P
   The PM8803 is a highly integrated device embedding
logo
Protech Systems Co., Lt...
POS-6510-PPC PROTECHSYSTEMS-POS-6510-PPC Datasheet
581Kb / 2P
   The Fanless Highly Integrated & Performance 15 Panel PC
POS-6510 PROTECHSYSTEMS-POS-6510 Datasheet
616Kb / 2P
   The Fanless Highly Integrated & Performance 15 POS Terminal
logo
STMicroelectronics
UM1062 STMICROELECTRONICS-UM1062 Datasheet
1Mb / 31P
   The PM8803 is a highly integrated device embedding
logo
Protech Systems Co., Lt...
POS-6510-MIT PROTECHSYSTEMS-POS-6510-MIT Datasheet
589Kb / 2P
   The Fanless Highly The Fanless Highly Panel PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com