Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6835FD4TBE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PT7M6835FD4TBE
Description  Ultra Low Voltage Detectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6835FD4TBE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PT7M6835FD4TBE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6835FD4TBE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6835FD4TBE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6835FD4TBE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6835FD4TBE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6835FD4TBE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6835FD4TBE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M6835FD4TBE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7M6835FD4TBE Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-11-0003
PT0236-6
11/18/13
6
PT7M6832-6840
Ultra Low Voltage Detectors
Functional Description
Reset Output
The PT7M6832–PT7M6840 assert a reset to prevent code-
execution errors during power-up, power-down, or brownout
conditions. They also assert a reset signal whenever the Vcc
supply voltage falls below a preset threshold (PT7M6832–
PT7M6837) or RESET-IN falls below the adjustable threshold
(PT7M6838-PT7M6840), keeping reset asserted for a fixed
timeout delay (Table 2) after Vcc or RESET-IN has risen
above the reset threshold. The PT7M6832/6835/6838 use a
push-pull active-low output, the PT7M6833/6836/6839 have a
push-pull active-high output, and the PT7M6834/6837/ 6840
have an open-drain active- low output stage. Connect a pull-
up resistor on the PT7M6834/6837/ 6840’s RESET output to
any supply between 0 and 6V.
Manual Reset Input
Reset remains asserted while MR is low, and for a fixed
timeout delay after MR returns high. This input has an
internal 20kΩ pull-up resistor, so it can be left open if it is not
used. MR can be driven with CMOS logic level, or with open-
drain/collector outputs. To create a manual reset function,
connect a normally open momentary switch from MR to
ground; external debounce circuitry is not required.
RESET-IN
The PT7M6838/6839/6840 features a RESET-IN input for
monitoring supply voltages down to 0.44V. An external
resistive-divider
network
can
be
used
to
set
voltage
monitoring thresholds as shown in Fig.3. As the monitored
voltage falls, the voltage at RESET-IN decreases and asserts a
reset when it falls below the RESET-IN threshold(VRSTIN).
The low-leakage current at RESET-IN allows for relatively
large-value resistors to be used, which reduce power
consumption. For example, for a 0.6V monitored trip level, if
R2 = 200kΩ, then R1 = 70.3kΩ.
Note: The minimum Vcc of 1.3V is required to guarantee the
RESET-IN threshold accuracy.
RESET
(RESET)
VREF=444mV
RESET-IN
VCC
Vmonitored
PT7M6838
/6839
/6840
R1
R2
R1=R2(Vmonitored/VREF-1)
() is for PT7M6839
Fig.3 External setting of adjustable threshold


Similar Part No. - PT7M6835FD4TBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CH PERICOM-PT7M6101CH Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHC4E PERICOM-PT7M6101CHC4E Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHNE PERICOM-PT7M6101CHNE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHTAE PERICOM-PT7M6101CHTAE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results

Similar Description - PT7M6835FD4TBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841 Datasheet
180Kb / 9P
   Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Rev 1; 2/03
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6375 MAXIM-MAX6375 Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
MAX6461 MAXIM-MAX6461 Datasheet
153Kb / 10P
   Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com