Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF1A1M Datasheet(PDF) 6 Page - SPANSION

Part # MB9AF1A1M
Description  This document states the current technical specifications regarding
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF1A1M Datasheet(HTML) 6 Page - SPANSION

Back Button MB9AF1A1M Datasheet HTML 2Page - SPANSION MB9AF1A1M Datasheet HTML 3Page - SPANSION MB9AF1A1M Datasheet HTML 4Page - SPANSION MB9AF1A1M Datasheet HTML 5Page - SPANSION MB9AF1A1M Datasheet HTML 6Page - SPANSION MB9AF1A1M Datasheet HTML 7Page - SPANSION MB9AF1A1M Datasheet HTML 8Page - SPANSION MB9AF1A1M Datasheet HTML 9Page - SPANSION MB9AF1A1M Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 101 page
background image
D a t a S h e e t
June 30, 2015, MB9A1A0N_DS706-00068-2v0-E
3
CONFIDENTIAL
 Base Timer (Max 8 channels)
Operation mode is selectable from the followings for each channel.
 16-bit PWM timer
 16-bit PPG timer
 16-/32-bit reload timer
 16-/32-bit PWC timer
 General-Purpose I/O Port
This series can use its pins as general-purpose I/O ports when they are not used for peripherals. Moreover,
the port relocate function is built in. It can set which I/O port the peripheral function can be allocated to.
 Capable of pull-up control per pin
 Capable of reading pin level directly
 Built-in the port relocate function
 Up to 84 high-speed general-purpose I/O Ports@100 pin Package
 Some ports are 5 V tolerant I/O
See  List of Pin Functions and  I/O Circuit Type to confirm the corresponding pins.
 Multi-function Timer
The Multi-function timer is composed of the following blocks.
 16-bit free-run timer × 3ch.
 Input capture × 4ch.
 Output compare × 6ch.
 A/D activation compare × 1ch.
 Waveform generator × 3ch.
 16-bit PPG timer × 3ch.
IGBT mode is contained
The following function can be used to achieve the motor control.
 PWM signal output function
 DC chopper waveform output function
 Dead time function
 Input capture function
 A/D convertor activate function
 DTIF (Motor emergency stop) interrupt function
 HDMI-CEC/Remote Control Receiver (Up to 2 channels)
 HDMI- CEC receiver / Remote control receiver
 Operating modes supporting the following standards can be selected
 SIRCS
 NEC/Association for Electric Home Appliances
 HDMI-CEC
 Capable of adjusting detection timings for start bit and data bit
 Equipped with noise filter
 HDMI-CEC transmitter
 Header block automatic transmission by judging Signal free
 Generating status interrupt by detecting Arbitration lost
 Generating START, EOM, ACK automatically to output CEC transmission by setting 1 byte data
 Generating transmission status interrupt when transmitting 1 block (1 byte data and EOM/ACK)


Similar Part No. - MB9AF1A1M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9AF1A1MPMC-G-SNE2 CYPRESS-MB9AF1A1MPMC-G-SNE2 Datasheet
1Mb / 99P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9AF1A1MPMC-G-UNE2 CYPRESS-MB9AF1A1MPMC-G-UNE2 Datasheet
1Mb / 99P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9AF1A1MPMC1-G-SNE2 CYPRESS-MB9AF1A1MPMC1-G-SNE2 Datasheet
1Mb / 99P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
More results

Similar Description - MB9AF1A1M

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9A310A SPANSION-MB9A310A Datasheet
3Mb / 125P
   This document states the current technical specifications regarding
MB9B110T SPANSION-MB9B110T Datasheet
3Mb / 129P
   This document states the current technical specifications regarding
MB9B500B SPANSION-MB9B500B Datasheet
3Mb / 113P
   This document states the current technical specifications regarding
MB9B520TA SPANSION-MB9B520TA Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB9B610T SPANSION-MB9B610T Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB91F587L SPANSION-MB91F587L Datasheet
1Mb / 177P
   This document states the current technical specifications regarding
MB9A110K SPANSION-MB9A110K Datasheet
2Mb / 89P
   This document states the current technical specifications regarding
MB9A150RB SPANSION-MB9A150RB Datasheet
3Mb / 133P
   This document states the current technical specifications regarding
MB9B100A SPANSION-MB9B100A Datasheet
2Mb / 109P
   This document states the current technical specifications regarding
MB9B120TA SPANSION-MB9B120TA Datasheet
3Mb / 137P
   This document states the current technical specifications regarding
MB9B410R SPANSION-MB9B410R Datasheet
2Mb / 121P
   This document states the current technical specifications regarding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com