Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRM48BT480M500A00 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PRM48BT480M500A00
Description  High Efficiency Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48BT480M500A00 Datasheet(HTML) 1 Page - Vicor Corporation

  PRM48BT480M500A00 Datasheet HTML 1Page - Vicor Corporation PRM48BT480M500A00 Datasheet HTML 2Page - Vicor Corporation PRM48BT480M500A00 Datasheet HTML 3Page - Vicor Corporation PRM48BT480M500A00 Datasheet HTML 4Page - Vicor Corporation PRM48BT480M500A00 Datasheet HTML 5Page - Vicor Corporation PRM48BT480M500A00 Datasheet HTML 6Page - Vicor Corporation PRM48BT480M500A00 Datasheet HTML 7Page - Vicor Corporation PRM48BT480M500A00 Datasheet HTML 8Page - Vicor Corporation PRM48BT480M500A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
PRMTM Regulator
Page 1 of 44
11/2015
vicorpower.com
800 927.9474
High Efficiency Converter
S
NRTL
C
US
PRMTM Regulator
0
0
A
0
0
5
x
0
8
4
y
B
8
4
M
R
P
Features
48.0 V input (38.0 V to 55.0 V),
non-isolated ZVS buck-boost regulator
20.0 V to 55.0 V adjustable output range
500 W output power in 1.11 in2 footprint
97.8% typical efficiency, at full load
1729 W/in3 (106 W/cm3) Power Density
4.01 MHrs MTBF (MIL-HDBK-217 Plus Parts Count)
Pin selectable operating mode
Adaptive Loop
Remote Sense / Slave
Full VI Chip® Package
32.5mm x 22.0mm x 6.73mm
Typical Applications
High Density Power Supply DC-DC rail outputs
High Density ATE system DC-DC power
Telecom NPU and ASIC core power
Communications Systems
Non-isolated and isolated power converters
Product Description
The VI Chip® PRMTM Regulator is high eciency converter,
operating from a 38.0 to 55.0 Vdc input to generate a regulated
20.0 to 55.0 Vdc output. The ZVS buck-boost topology enables
h
g
i
h
h
t
i
w
n
o
i
t
a
r
e
p
o
)
z
H
M
3
0
.
1
~
(
y
c
n
e
u
q
e
r
f
g
n
i
h
c
t
i
w
s
h
g
i
h
conversion e ciency. High switching frequency reduces the
size of reactive components enabling power density up to
1729 W/in3.
The Full VI Chip® package is compatible with standard pick-
and-place and surface mount assembly processes with a planar
thermal interface area and superior thermal conductivity.
In a Factorized Power Architecture™ system, the PRM and
downstream VTMTM current multiplier minimize distribution
and conversion losses in a high power solution, providing an
isolated, regulated output voltage.
The PRM48By480x500A00 has two selectable modes of
regulation depending on the application requirements.
In Adaptive Loop Operation, the PRM48By480x500A00 utilizes
a unique feed-forward scheme that enables precise regulation
of an isolated POL voltage without the need for remote sensing
and voltage feedback.
In Remote Sense Operation, the internal regulation circuitry is
disabled, and an external control loop and current sensor
maintain regulation. This a ords flexibility in the design of both
voltage and current compensation loops to optimize
performance in the end application.
Product Ratings
VIN = 38.0 V to 55.0 V
POUT = 500 W
VOUT = 48.0 V
IOUT = 10.42 A
(20.0 V to 55.0 V Trim)


Similar Part No. - PRM48BT480M500A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48BT480M500A00 VICOR-PRM48BT480M500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PRM48BT480M500A00 VICOR-PRM48BT480M500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
More results

Similar Description - PRM48BT480M500A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48AF480T400A00 VICOR-PRM48AF480T400A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BY480X500A00 VICOR-PRM48BY480X500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48JH480T250A00 VICOR-PRM48JH480T250A00 Datasheet
2Mb / 44P
   High Efficiency Converter
PRM48BH480X250A00 VICOR-PRM48BH480X250A00 Datasheet
2Mb / 42P
   High Efficiency Converter
MPRM48NH480M250A00 VICOR-MPRM48NH480M250A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48AH480T200A00 VICOR-PRM48AH480T200A00_15 Datasheet
3Mb / 42P
   High Efficiency Converter
PRM48BH480T250A00 VICOR-PRM48BH480T250A00_15 Datasheet
2Mb / 42P
   High Efficiency Converter
PRM48JF480T500A00 VICOR-PRM48JF480T500A00 Datasheet
2Mb / 46P
   High Efficiency Converter
PRM48JH480X250A02 VICOR-PRM48JH480X250A02 Datasheet
4Mb / 45P
   High Efficiency Converter
PRM48AY480X400A00 VICOR-PRM48AY480X400A00 Datasheet
3Mb / 44P
   High Efficiency Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com