Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V048F240T012 Datasheet(PDF) 8 Page - Vicor Corporation

Part # V048F240T012
Description  Non-isolated Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F240T012 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button V048F240T012 Datasheet HTML 4Page - Vicor Corporation V048F240T012 Datasheet HTML 5Page - Vicor Corporation V048F240T012 Datasheet HTML 6Page - Vicor Corporation V048F240T012 Datasheet HTML 7Page - Vicor Corporation V048F240T012 Datasheet HTML 8Page - Vicor Corporation V048F240T012 Datasheet HTML 9Page - Vicor Corporation V048F240T012 Datasheet HTML 10Page - Vicor Corporation V048F240T012 Datasheet HTML 11Page - Vicor Corporation V048F240T012 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PRM® Regulator
Rev 2.1
vicorpower.com
Page 8 of 14
09/2015
800 927.9474
P036F048T12AL
Pin / Control Functions
+In / -In DC Voltage Ports
The VI Chip maximum input voltage should not be exceeded. PRMs
have internal over / undervoltage lockout functions that prevent
operation outside of the specified input range. PRMs will turn on when
the input voltage rises above its undervoltage lockout. If the input
voltage exceeds the overvoltage lockout, PRMs will shut down until the
overvoltage fault clears. PC will toggle indicating an out of bounds
condition.
+Out / -Out Factorized Voltage Output Ports
These ports provide the Factorized Bus voltage output. The –Out port is
connected internally to the –In port through a current sense resistor.
The PRM has a maximum power and a maximum current rating and is
protected if either rating is exceeded. Do not short –Out to –In.
VC – VTM Control
The VTM Control (VC) port supplies an initial VCC voltage to
downstream VTMs, enabling the VTMs and synchronizing the rise of
the VTM output voltage to that of the PRM. The VC port also provides
feedback to the PRM to compensate for voltage drop due to the VTM
output resistance. The PRM’s VC port should be connected to the VTM
VC port. A PRM VC port can drive a maximum of two (2) VTM VC ports.
PC – Primary Control
The PRM voltage output is enabled when the PC pin is open circuit
(floating). To disable the PRM output voltage, the PC pin is pulled low.
Open collector optocouplers, transistors, or relays can be used to
control the PC pin. When using multiple PRMs in a high power array,
the PC ports should be tied together to synchronize their turn on.
During an abnormal condition the PC pin will pulse (Fig.12) as the PRM
initiates a restart cycle. This will continue until the abnormal condition
is rectified. The PC should not be used as an auxiliary voltage supply,
nor should it be switched at a rate greater than 1 Hz.
TM – Factory Use Only
IL – Current Limit Adjust
The PRM has a preset, maximum, current limit set point. The IL port
may be used to reduce the current limit set point to a lower value. See
“adjusting current limit” on page 10.
PR – Parallel Port
The PR port signal, which is proportional to the PRM output power,
supports current sharing of two PRMs. To enable current sharing, PR
ports should be interconnected. Steps should be taken to minimize
coupling noise into the interconnecting bus. Terminate this port with a
10 k equivalent resistance to SG, e.g. 10 k for a single PRM, 20 k each
for 2 PRMs in parallel, 30 k each for 3 PRMs in parallel etc.. Please
consult Vicor Applications Engineering regarding additional
considerations when paralleling more than two PRMs.
VH – Auxiliary Voltage
VH is a gated (e.g. mirrors PC), non-isolated, nominally 9 Volt,
regulated DC voltage (see “Auxiliary Pins” specifications, on Page 7)
that is referenced to SG. VH may be used to power external circuitry
having a total current consumption of no more than 5 mA under either
transient or steady state conditions including turn-on.
SC – Secondary Control
The load voltage may be controlled by connecting a resistor or voltage
source to the SC port. The slew rate of the output voltage may be
controlled by controlling the rate-of-rise of the voltage at the SC port
(e.g., to limit inrush current into a capacitive load).
SG – Signal Ground
This port provides a low inductance Kelvin connection to –In and
should be used as reference for the OS, CD, SC,VH and IL ports.
OS – Output Set
The application-specific value of the Factorized Bus voltage (Vf) is set
by connecting a resistor between OS and SG. Resistor value selection is
shown in Table 1 on Page 2, and described on Page 9. If no resistor is
connected, the PRM output will be approximately one volt. If set
resistor is not collocated with the PRM a load bypass capacitor of
~200 pF may be required.
CD – Compensation Device
Adaptive Loop control is configured by connecting an external resistor
between the CD port and SG. Selection of an appropriate resistor value
(see Equation 2 on Page 9 and Table 1 on Page 2) configures the PRM
to compensate for voltage drops in the equivalent output resistance of
the VTM and the PRM-VTM distribution bus. If no resistor is connected
to CD, the PRM will be in Local Loop mode and will regulate the
+Out / –Out voltage to a fixed value.
Figure 15 — PRM pin configuration
Bottom View
+OUT
–OUT
+IN
–IN
VC
PC
TM
IL
VH
PR
NC
SG
SC
OS
NC
CD
AL Version
A
A
B
B
C
C
D
D
E
E
G
G
F
F
H
H
J
J
K
K
L
L
M
M
N
N
P
P
1
2
3
4
Signal Name
Designation
+In
G1-K1,G2-K2
–In
L1-P1, L2-P2
VC
A1,A2
PC
B1, B2
TM
C1, C2
IL
D1, D2
PR
F1, F2
VH
A3, A4
SC
B3, B4
SG
C3, C4
OS
D3, D4
CD
F3, F4
+Out
G3-K3, G4-K4
–Out
L3-P3, L4-P4


Similar Part No. - V048F240T012

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F240T012 VICOR-V048F240T012 Datasheet
637Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F240T012 VICOR-V048F240T012 Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F240T012 VICOR-V048F240T012 Datasheet
979Kb / 11P
   VTM Current Multiplier
V048F240T012 VICOR-V048F240T012 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
logo
Powerbox
V048F240T012 POWERBOX-V048F240T012 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
More results

Similar Description - V048F240T012

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P024F048T12AL VICOR-P024F048T12AL_15 Datasheet
2Mb / 14P
   Non-isolated Regulator
MP028F036M12AL VICOR-MP028F036M12AL_15 Datasheet
2Mb / 14P
   Non-isolated Regulator
logo
CUI INC
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com