Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRM48BX480Y600A00 Datasheet(PDF) 9 Page - Vicor Corporation

Part # PRM48BX480Y600A00
Description  High Efficiency Remote Sense PRM Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48BX480Y600A00 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button PRM48BX480Y600A00 Datasheet HTML 5Page - Vicor Corporation PRM48BX480Y600A00 Datasheet HTML 6Page - Vicor Corporation PRM48BX480Y600A00 Datasheet HTML 7Page - Vicor Corporation PRM48BX480Y600A00 Datasheet HTML 8Page - Vicor Corporation PRM48BX480Y600A00 Datasheet HTML 9Page - Vicor Corporation PRM48BX480Y600A00 Datasheet HTML 10Page - Vicor Corporation PRM48BX480Y600A00 Datasheet HTML 11Page - Vicor Corporation PRM48BX480Y600A00 Datasheet HTML 12Page - Vicor Corporation PRM48BX480Y600A00 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
PRM48Bx480y600A00
 
  
PRM®
 Regulator 
Rev 1.2 
vicorpower.com 
Page 9 of 22 
07/2015 
800 927.9474 
7.0 APPLICATIONS CHARACTERISTICS
The following figures present typical performance at TC = 25ºC, unless otherwise noted. See associated figures for
general trend data.
No Load Power Dissipation vs. Line
Module Enabled, Nominal VOUT
0
1
2
3
4
38
40
42
44
46
48
50
52
54
Input Voltage [V]
-40 ºC
25 ºC
100 ºC
TCASE:
Figure 1 - No load power dissipation vs. VIN, module
enabled
Efficiency & Power Dissipation
VOUT = 20 V
TCASE = -40 ºC
82
84
86
88
90
92
94
96
98
0
123
45678
9
10 11 12 13
Load Current [A]
0
4
8
12
16
20
24
28
32
38
45
55
38
45
55
VIN:
Figure 3 – Total efficiency and power dissipation vs. VIN
and IOUT, VOUT=20V, TCASE=-40ºC
Power Dissipation vs. Line
Module Disabled, PC=Low
0
0.1
0.2
0.3
0.4
38
40
42
44
46
48
50
52
54
Input Voltage [V]
-40 ºC
25 ºC
100 ºC
TCASE:
Figure 2 - No load power dissipation vs. VIN, module
disabled
Efficiency & Power Dissipation
VOUT = 48 V
TCASE = -40 ºC
91
92
93
94
95
96
97
98
0
123
45678
9
10 11 12 13
Load Current [A]
0
4
8
12
16
20
24
28
32
38
45
55
38
45
55
VIN:
Figure 4 – Total efficiency and power dissipation vs. VIN
and IOUT, VOUT=48V, TCASE=-40ºC


Similar Part No. - PRM48BX480Y600A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48BF480M500A00 VICOR-PRM48BF480M500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PRM48BF480M500A00 VICOR-PRM48BF480M500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BF480M500A00 VICOR-PRM48BF480M500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BF480T400A00 VICOR-PRM48BF480T400A00 Datasheet
1Mb / 22P
   Regulator
PRM48BF480T400B00 VICOR-PRM48BF480T400B00 Datasheet
933Kb / 22P
   High Efficiency Remote Sense PRM Converter
More results

Similar Description - PRM48BX480Y600A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48BH480T200B00 VICOR-PRM48BH480T200B00 Datasheet
728Kb / 22P
   High Efficiency Remote Sense PRM Converter
PRM48BF480T400B00 VICOR-PRM48BF480T400B00 Datasheet
933Kb / 22P
   High Efficiency Remote Sense PRM Converter
logo
Bel Fuse Inc.
ABC201 BEL-ABC201 Datasheet
881Kb / 6P
   Remote Sense
logo
Astec America, Inc
AEH10 ASTEC-AEH10 Datasheet
464Kb / 2P
   Remote sense compensation
logo
Linear Technology
LT4180 LINER-LT4180 Datasheet
347Kb / 16P
   Virtual Remote Sense Controller
LT4180 LINER-LT4180_15 Datasheet
354Kb / 18P
   Virtual Remote Sense Controller
logo
Vicor Corporation
PRM48AF480T400A00 VICOR-PRM48AF480T400A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BF480T500A00 VICOR-PRM48BF480T500A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BY480X500A00 VICOR-PRM48BY480X500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48JH480T250A00 VICOR-PRM48JH480T250A00 Datasheet
2Mb / 44P
   High Efficiency Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com