Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRM48BT480T500A00 Datasheet(PDF) 2 Page - Vicor Corporation

Part # PRM48BT480T500A00
Description  High Efficiency Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48BT480T500A00 Datasheet(HTML) 2 Page - Vicor Corporation

  PRM48BT480T500A00 Datasheet HTML 1Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 2Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 3Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 4Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 5Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 6Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 7Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 8Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Rev 1.4
PRMTM Regulator
Page 2 of 44
11/2015
vicorpower.com
800 927.9474
PRM48By480x500A00
PRM
ENABLE
TRIM
SHARE/
CONTROL NODE
AL
IFB
VC
VT
VAUX
REF/
REF_EN
+IN
–IN
+OUT
–OUT
TM
VC
PC
V
OUT
+IN
–IN
–OUT
+OUT
Adaptive Loop Temperature Feedback
VTM Start Up Pulse
SGND
SGND
GND
SGND
R
TRIM
ON/OFF
CONTROL
SGND
VF: 20 V to 55 V
ISOLATION BOUNDRY
SEC_GND
VTM
PRIMARY
SECONDARY
C
IN
C
F
C
OUT
Vin
L
F
R
AL
External Current Sense
GND
SGND
ON/OFF
CONTROL
SGND
SGND
GND
Voltage Reference with Soft Start
Voltage Sense and Error Amplifier
(Differential)
VTM Start up Pulse
SGND
IN
OUT
GND
V
REF
V +
VOUT
–IN
+IN
V –
PRM
ENABLE
TRIM
SHARE/
CONTROL NODE
AL
IFB
VC
VT
VAUX
REF/
REF_EN
+IN
–IN
+OUT
–OUT
SGND
SGND
TM
VC
PC
+IN
–IN
–OUT
+OUT
ISOLATION BOUNDRY
VTM
PRIMARY
SECONDARY
C
IN
C
F
C
OUT
REF 3312
[1]
[1]
V
IN
L
F
SGND
SGND
LOAD
Typical Applications
[1] Non-Isolated Configuration: –Out connected to -IN
Typical Application: PRM48By480x500A00 + VTM, non-isolated Remote Sense Configuration
Typical Application: PRM48By480x500A00 + VTM Adaptive Loop Configuration


Similar Part No. - PRM48BT480T500A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48BT480T500A00 VICOR-PRM48BT480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PRM48BT480T500A00 VICOR-PRM48BT480T500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
More results

Similar Description - PRM48BT480T500A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48AF480T400A00 VICOR-PRM48AF480T400A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BY480X500A00 VICOR-PRM48BY480X500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48JH480T250A00 VICOR-PRM48JH480T250A00 Datasheet
2Mb / 44P
   High Efficiency Converter
PRM48BH480X250A00 VICOR-PRM48BH480X250A00 Datasheet
2Mb / 42P
   High Efficiency Converter
MPRM48NH480M250A00 VICOR-MPRM48NH480M250A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48AH480T200A00 VICOR-PRM48AH480T200A00_15 Datasheet
3Mb / 42P
   High Efficiency Converter
PRM48BH480T250A00 VICOR-PRM48BH480T250A00_15 Datasheet
2Mb / 42P
   High Efficiency Converter
PRM48JF480T500A00 VICOR-PRM48JF480T500A00 Datasheet
2Mb / 46P
   High Efficiency Converter
PRM48JH480X250A02 VICOR-PRM48JH480X250A02 Datasheet
4Mb / 45P
   High Efficiency Converter
PRM48AY480X400A00 VICOR-PRM48AY480X400A00 Datasheet
3Mb / 44P
   High Efficiency Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com