Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V048F160T015 Datasheet(PDF) 9 Page - Vicor Corporation

Part # V048F160T015
Description  Non-isolated Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F160T015 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button V048F160T015 Datasheet HTML 5Page - Vicor Corporation V048F160T015 Datasheet HTML 6Page - Vicor Corporation V048F160T015 Datasheet HTML 7Page - Vicor Corporation V048F160T015 Datasheet HTML 8Page - Vicor Corporation V048F160T015 Datasheet HTML 9Page - Vicor Corporation V048F160T015 Datasheet HTML 10Page - Vicor Corporation V048F160T015 Datasheet HTML 11Page - Vicor Corporation V048F160T015 Datasheet HTML 12Page - Vicor Corporation V048F160T015 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PRM® Regulator
Rev 3.2
vicorpower.com
Page 9 of 14
07/2015
800 927.9474
P024F048T12AL
L
O
A
D
(ILRo)
K
VF =
VL
+
K
ROS
RCD
0.4 µH
VIN
– In
PC
VC
TM
+In
– Out
+Out
VTM®
– Out
+Out
K
Ro
0.01
µF
10 kΩ
10 Ω
VC
PC
TM
IL
NC
PR
VH
SC
SG
OS
NC
CD
PRM®-AL
+In
–In
+Out
–Out
Regulator
Current Multiplier
Output Voltage Setting with Adaptive Loop
The equations for calculating ROS and RCD to set a VTM output
voltage are:
93100
ROS =
( VL • 0.8395 ) – 1
(1)
K
RCD =
91238
+ 1
(2)
ROS
VL = Desired load voltage
VOUT = VTM output voltage
K = VTM transformation ratio
(available from appropriate VTM data sheet)
Vf = PRM output voltage, the Factorized Bus (see Figure 16)
RO = VTM output resistance
(available from appropriate VTM data sheet)
IL = Load Current
(actual current delivered to the load)
Output Voltage Trimming (optional)
After setting the output voltage from the procedure above the output
may be margined down (26 Vf min) by a resistor from SC-SG using
this formula:
RdΩ =
10000 Vfd
Vfs - Vfd
Where Vfd is the desired factorized bus and Vfs is the set factorized bus.
A low voltage source can be applied to the SC port to margin the load
voltage in proportion to the SC reference voltage.
An external capacitor can be added to the SC port as shown in Figure 16
to control the output voltage slew rate for soft start.
Figure 16 — Adaptive Loop compensation with soft start using the SC port.
Nominal Vout
VTM
Range (Vdc)
K Factor
0.8 ↔
1.6
1/32
1.1 ↔
2.2
1/24
1.6 ↔
3.3
1/16
2.2 ↔
4.4
1/12
3.3 ↔
6.6
1/8
4.3 ↔
8.8
1/6
6.5 ↔
13.4
1/4
8.7 ↔
17.9
1/3
13.0 ↔
26.9
1/2
17.4 ↔
36.0
2/3
26.0 ↔
54.0
1
Table 2 — 048 input series VTM K factor selection guide
Application Information


Similar Part No. - V048F160T015

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F160T015 VICOR-V048F160T015 Datasheet
482Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048F160T015 VICOR-V048F160T015 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F160T015 VICOR-V048F160T015 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
logo
Powerbox
V048F160T015 POWERBOX-V048F160T015 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
logo
Vicor Corporation
V048F160T015 VICOR-V048F160T015 Datasheet
1Mb / 11P
   VTM?줓urrent Multiplier
More results

Similar Description - V048F160T015

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MP028F036M12AL VICOR-MP028F036M12AL_15 Datasheet
2Mb / 14P
   Non-isolated Regulator
P036F048T12AL VICOR-P036F048T12AL_15 Datasheet
1Mb / 14P
   Non-isolated Regulator
logo
CUI INC
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com