Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRM48BH480T200B00 Datasheet(PDF) 4 Page - Vicor Corporation

Part # PRM48BH480T200B00
Description  High Efficiency Remote Sense PRM Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48BH480T200B00 Datasheet(HTML) 4 Page - Vicor Corporation

  PRM48BH480T200B00 Datasheet HTML 1Page - Vicor Corporation PRM48BH480T200B00 Datasheet HTML 2Page - Vicor Corporation PRM48BH480T200B00 Datasheet HTML 3Page - Vicor Corporation PRM48BH480T200B00 Datasheet HTML 4Page - Vicor Corporation PRM48BH480T200B00 Datasheet HTML 5Page - Vicor Corporation PRM48BH480T200B00 Datasheet HTML 6Page - Vicor Corporation PRM48BH480T200B00 Datasheet HTML 7Page - Vicor Corporation PRM48BH480T200B00 Datasheet HTML 8Page - Vicor Corporation PRM48BH480T200B00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
PRM48BH480T200B00
PRM® Regulator
Page 4 of 22
Rev 1.1
7/2015
vicorpower.com
800 927. 9474
 
 
Temperature Monitor
TM
• The TM pin monitors the internal temperature of the PRM analog control IC.
• "Power Good" flag to verify that the PRM is operating
Signal Type
State
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
 
 
Analog Output
 
Regular
Operation
TM Voltage
VTM
Full temperature range
2.12
4.04
V
TM Voltage reference
VTM_AMB
TJ = 27 °C
2.94
3.00
3.06
V
TM Voltage Ripple
VVS_PP
powertrain in burst mode
350
mV
TM Available Current
ITM
100
µA
TM Gain
ATM
10
mV/°C
Digital Output [Fault Flag]
Fault or
Standby
TM Disabled Current
I
DC state with TM Voltage +/- 0.5V. This is a high
impedance state.
 
0.0
 
mA
 
 
 
 
 
 
 
 
 
 
 
TM_DIS
 
 
Signal Ground
SG
• All control signals must be referenced to this pin, with the exception of VC
• SG is internally connected to -IN and -OUT
Signal Type
State
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Analog Input / Output
Any
Maximum Allowable Current
ISG
-100
100
mA
 
VTM Control
VC
• Pulsed voltage source used to power and synchronize start up of downstream VTM
• If not used, must be resistively terminated to -OUT
Signal Type
State
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
 
Analog Output
 
Startup
VC Voltage
VVC
RVC = 68Ω
13
V
VC Current Limit
IVC
VC = 14 V, VIN > 20 V
200
500
mA
VC duration
TVC
7
10
16
ms
VC Slew Rate
dVC/dt
RVC = 1kΩ
20
V/µs


Similar Part No. - PRM48BH480T200B00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48BH480T250A00 VICOR-PRM48BH480T250A00 Datasheet
1Mb / 44P
   PRM??Regulator
PRM48BH480T250A00 VICOR-PRM48BH480T250A00 Datasheet
2Mb / 42P
   High Efficiency Converter
PRM48BH480T250A00 VICOR-PRM48BH480T250A00 Datasheet
2Mb / 42P
   High Efficiency Converter
PRM48BH480T250A00 VICOR-PRM48BH480T250A00_15 Datasheet
2Mb / 42P
   High Efficiency Converter
More results

Similar Description - PRM48BH480T200B00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48BX480Y600A00 VICOR-PRM48BX480Y600A00 Datasheet
802Kb / 22P
   High Efficiency Remote Sense PRM Converter
PRM48BF480T400B00 VICOR-PRM48BF480T400B00 Datasheet
933Kb / 22P
   High Efficiency Remote Sense PRM Converter
logo
Bel Fuse Inc.
ABC201 BEL-ABC201 Datasheet
881Kb / 6P
   Remote Sense
logo
Astec America, Inc
AEH10 ASTEC-AEH10 Datasheet
464Kb / 2P
   Remote sense compensation
logo
Linear Technology
LT4180 LINER-LT4180 Datasheet
347Kb / 16P
   Virtual Remote Sense Controller
LT4180 LINER-LT4180_15 Datasheet
354Kb / 18P
   Virtual Remote Sense Controller
logo
Vicor Corporation
PRM48AF480T400A00 VICOR-PRM48AF480T400A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BF480T500A00 VICOR-PRM48BF480T500A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BY480X500A00 VICOR-PRM48BY480X500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48JH480T250A00 VICOR-PRM48JH480T250A00 Datasheet
2Mb / 44P
   High Efficiency Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com