Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3751-00-LGIZ Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI3751-00-LGIZ
Description  38 V to 60 Vin, 200 W Cool-Power ZVS Buck-Boost
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3751-00-LGIZ Datasheet(HTML) 1 Page - Vicor Corporation

  PI3751-00-LGIZ Datasheet HTML 1Page - Vicor Corporation PI3751-00-LGIZ Datasheet HTML 2Page - Vicor Corporation PI3751-00-LGIZ Datasheet HTML 3Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Description
The PI3751-00 is a high efficiency, wide input range DC-DC
ZVS-Buck-Boost regulator. This high density module
integrates controller, power switches, and support
components. The integration of a high performance Zero-
Voltage Switching (ZVS) topology, within the PI3751-00,
increases point of load performance providing best in class
power efficiency.
The PI3751-00 requires an externally applied 5 V bias to the
VDR input, an external inductor, resistive divider and
minimal capacitors to form a complete DC-DC switching
mode buck-boost regulator.
The ZVS architecture also enables high frequency
operation while minimizing switching losses and
maximizing efficiency. The high switching frequency
operation reduces the size of the external filtering
components, improves power density, and enables
very fast dynamic response to line and load
transients. The PI3751-00 sustains high switching
frequency up to the rated input voltage without
sacrificing efficiency and supports large conversion ratios.
Features
Over 97.5% efficiency at 2.5 MHz FSW
Wide input voltage range of 38 V to 60 V
Wide output voltage range of 38 V to 50 V
Up to 200 W continuous output power / 368 W peak
Power density exceeding 9,150 W/in3
Fast transient response in VRM 12.X applications
Light load mode < 200 mW no load power dissipation
VTM compatibility mode
High side current sense amplifier
User configurable differential amplifier
Input / Output Over / Under Voltage Protection
Temperature lockout protection
Fast and slow current limits
-40°C to 125°C operating range (TJ)
Applications
Factorized Power Solution
(when coupled with a VTM® device)
Computing, Communications, Precessor, DDR Memory
48 V to POL Power Solutions
Package Information
10 mm x 14 mm x 2.56 mm Land Grid Array Module
Cool-Power®
Rev 1.0
vicorpower.com
Page 1 of
3
12/2014
800 927.9474
38 V to 60 Vin, 200 W Cool-Power ZVS Buck-Boost
Cool-Power®
PI3751-00
Typical Application
Applications Diagram for use within a Factorized Power, VR12.5 Design


Similar Part No. - PI3751-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3751-00 VICOR-PI3751-00 Datasheet
147Kb / 3P
   38 ??60VIN, 200W Cool-Power ZVS Buck-Boost Regulator
More results

Similar Description - PI3751-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3755-01-LGIZ VICOR-PI3755-01-LGIZ Datasheet
111Kb / 3P
   38 V to 60 Vin, 160 W Cool-Power ZVS Buck-Boost
PI3542-00-LGIZ VICOR-PI3542-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3545-00-LGIZ VICOR-PI3545-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3753-00 VICOR-PI3753-00 Datasheet
149Kb / 3P
   38 ??60VIN, 360W Cool-Power ZVS Buck-Boost Regulator
PI3751-00 VICOR-PI3751-00 Datasheet
147Kb / 3P
   38 ??60VIN, 200W Cool-Power ZVS Buck-Boost Regulator
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com