Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBM3814V60E15A7C04 Datasheet(PDF) 5 Page - Vicor Corporation

Part # NBM3814V60E15A7C04
Description  Non-Isolated, Fixed-Ratio DC-DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

NBM3814V60E15A7C04 Datasheet(HTML) 5 Page - Vicor Corporation

  NBM3814V60E15A7C04 Datasheet HTML 1Page - Vicor Corporation NBM3814V60E15A7C04 Datasheet HTML 2Page - Vicor Corporation NBM3814V60E15A7C04 Datasheet HTML 3Page - Vicor Corporation NBM3814V60E15A7C04 Datasheet HTML 4Page - Vicor Corporation NBM3814V60E15A7C04 Datasheet HTML 5Page - Vicor Corporation NBM3814V60E15A7C04 Datasheet HTML 6Page - Vicor Corporation NBM3814V60E15A7C04 Datasheet HTML 7Page - Vicor Corporation NBM3814V60E15A7C04 Datasheet HTML 8Page - Vicor Corporation NBM3814V60E15A7C04 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
NBMin a VIA Package
Rev 1.1
vicorpower.com
Page 5 of 23
05/2016
800 927.9474
NBM3814x60E12A7yzz
Electrical Specifications
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TCASE
≤100°C (T-Grade); All other specifications are at TCASE = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
General Powertrain High Voltage Side to Low Voltage Side Specification (Forward Direction)
HI Side Input Voltage range,
continuous
VHI_DC
36
60
V
VHI µController
VµC_ACTIVE
VHI_DC voltage where µC is initialized,
(powertrain inactive)
15
V
HI to LO Input Quiescent Current
IHI_Q
Disabled, VHI_DC = 54V
7
mA
TCASE ≤ 100ºC
12
HI to LO No Load Power Dissipation
PHI_NL
VHI_DC = 54V, TCASE = 25ºC
10
12
W
VHI_DC = 54V
8
19
VHI_DC = 36V to 60V, TCASE = 25 ºC
14
VHI_DC = 36V to 60V
22
HI to LO Inrush Current Peak
IHI_INR_PK
VHI_DC = 60V, CLO_EXT = 3000µF, RLOAD_LO = 20% of full
load current
15
A
TCASE ≤ 100ºC
50
DC HI Side Input Current
IHI_IN_DC
At ILO_OUT_DC = 170A, TCASE ≤ 90ºC
34.4
A
Transformation Ratio
K
High voltage to low voltage, K = VLO_DC / VHI_DC, at no
load
1/5
V/V
LO Side Output Current (continuous)
ILO_OUT_DC
TCASE ≤ 90°C
170
A
LO Side Output Current (pulsed)
ILO_OUT_PULSE
10ms pulse, 25% Duty cycle, ILO_OUT_AVG ≤ 50% rated
ILOC_OUT_DC
200
A
HI to LO Efficiency (ambient)
ηh
AMB
VHI_DC = 54V, ILO_OUT_DC = 170A
96.5
97
%
VHI_DC = 36V to 60V, ILO_OUT_DC = 170A
95.6
VHI_DC = 54V, ILO_OUT_DC = 85A
97.3
97.8
HI to LO Efficiency (hot)
ηh
HOT
VHI_DC = 54V, ILO_OUT_DC = 170A, TCASE = 90°C
96.2
96.5
%
HI to LO Efficiency
(over load range)
ηh
20%
34A < ILO_OUT_DC < 170A
95
%
HI to LO Output Resistance
RLO_COLD
VHI_DC = 54V, ILO_OUT_DC = 170A, TCASE = -40°C
0.5
1.1
1.5
RLO_AMB
VHI_DC = 54V, ILO_OUT_DC = 170A
0.8
1.3
1.8
RLO_HOT
VHI_DC = 54V, ILO_OUT_DC = 170A, TCASE = 90°C
1.1
1.7
2.0
Switching Frequency
FSW
Frequency of the LO Side Voltage Ripple = 2x FSW
1.02
1.07
1.12
MHz
LO Side Output Voltage Ripple
VLO_OUT_PP
CLO_EXT = 0µF, ILO_OUT_DC = 170A, VHI_DC = 54V,
20MHz BW
125
mV
TCASE ≤ 100ºC
400


Similar Part No. - NBM3814V60E15A7C04

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814V60E15A7C04 VICOR-NBM3814V60E15A7C04 Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
More results

Similar Description - NBM3814V60E15A7C04

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814X60E12A7YZZ VICOR-NBM3814X60E12A7YZZ Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM2317S60E1560T0R VICOR-NBM2317S60E1560T0R Datasheet
932Kb / 31P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123X60E12A7YZZ VICOR-NBM6123X60E12A7YZZ Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123T46C15A6T0R VICOR-NBM6123T46C15A6T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814X46C15A6YZZ VICOR-NBM3814X46C15A6YZZ Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123T60E12A7T0R VICOR-NBM6123T60E12A7T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814B46C15A6C00 VICOR-NBM3814B46C15A6C00 Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123X46C15A6YZZ VICOR-NBM6123X46C15A6YZZ Datasheet
875Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com