Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3749-00-LGIZ Datasheet(PDF) 11 Page - Vicor Corporation

Part # PI3749-00-LGIZ
Description  16V to 34VIN, 12V to 28VOUT, 120W Cool-Power ZVS Buck-Boost
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749-00-LGIZ Datasheet(HTML) 11 Page - Vicor Corporation

Back Button PI3749-00-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3749-00-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3749-00-LGIZ Datasheet HTML 9Page - Vicor Corporation PI3749-00-LGIZ Datasheet HTML 10Page - Vicor Corporation PI3749-00-LGIZ Datasheet HTML 11Page - Vicor Corporation PI3749-00-LGIZ Datasheet HTML 12Page - Vicor Corporation PI3749-00-LGIZ Datasheet HTML 13Page - Vicor Corporation PI3749-00-LGIZ Datasheet HTML 14Page - Vicor Corporation PI3749-00-LGIZ Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Cool-Power®
Rev 1.5
vicorpower.com
Page 11 of 26
04/2016
800 927.9474
PI3749-x0
16V
IN
24V
IN
34V
IN
20V
IN
18V
IN
0
100
200
300
400
500
600
700
800
900
012345678
Output Current (A)
Figure 9 — Switching Frequency vs. Output Current @ 28 VOUT
Figure 7 — Switching Frequency vs. Output Current @ 12VOUT
Output Current (A)
0
100
200
300
400
500
600
700
800
900
16V
IN
24V
IN
34V
IN
0
1234567
Figure 8 — Switching Frequency vs. Output Current @ 24VOUT
Performance Characteristics TA = 25°C (Cont.)
Output Current (A)
16V
IN
24V
IN
34V
IN
0
100
200
300
400
500
600
700
800
900
0
123456789
10
11
Figure 11 — Short Circuit with 24VIN to 24VOUT at 5A
Figure 10 — Start-up with 24VIN to 24VOUT at 5A


Similar Part No. - PI3749-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3749-00-LGIZ VICOR-PI3749-00-LGIZ Datasheet
989Kb / 26P
   16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PI3749-00-LGIZ VICOR-PI3749-00-LGIZ Datasheet
827Kb / 27P
   16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
More results

Similar Description - PI3749-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3749-X0 VICOR-PI3749-X0 Datasheet
989Kb / 26P
   16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PI3749-X0 VICOR-PI3749-X0_18 Datasheet
827Kb / 27P
   16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PI3741-0X VICOR-PI3741-0X_18 Datasheet
968Kb / 39P
   21V to 60VIN, 150W, Cool-Power ZVS Buck-Boost Regulator
PI3755-01 VICOR-PI3755-01 Datasheet
116Kb / 3P
   38V to 60VIN, 160W Cool-Power ZVS Buck-Boost Regulator
PI3756-00 VICOR-PI3756-00 Datasheet
119Kb / 3P
   38V to 60VIN, 28V to 60VOUT, 200W Cool-Power ZVS Buck-Boost
PI3741-0X VICOR-PI3741-0X Datasheet
979Kb / 38P
   21V to 60VIN, 150W, Cool-Power ZVS Buck-Boost Regulator
PI352X-00 VICOR-PI352X-00 Datasheet
1Mb / 34P
   30VIN to 60VIN Cool-Power ZVS Buck Regulator
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
   8V to 36VIN Cool-Power ZVS Buck Regulator
PI3751-00-LGIZ VICOR-PI3751-00-LGIZ Datasheet
117Kb / 3P
   38 V to 60 Vin, 200 W Cool-Power ZVS Buck-Boost
PI3755-01-LGIZ VICOR-PI3755-01-LGIZ Datasheet
111Kb / 3P
   38 V to 60 Vin, 160 W Cool-Power ZVS Buck-Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com