Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBM6123T60E12A7T0R Datasheet(PDF) 5 Page - Vicor Corporation

Part # NBM6123T60E12A7T0R
Description  Non-Isolated, Fixed Ratio DC-DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

NBM6123T60E12A7T0R Datasheet(HTML) 5 Page - Vicor Corporation

  NBM6123T60E12A7T0R Datasheet HTML 1Page - Vicor Corporation NBM6123T60E12A7T0R Datasheet HTML 2Page - Vicor Corporation NBM6123T60E12A7T0R Datasheet HTML 3Page - Vicor Corporation NBM6123T60E12A7T0R Datasheet HTML 4Page - Vicor Corporation NBM6123T60E12A7T0R Datasheet HTML 5Page - Vicor Corporation NBM6123T60E12A7T0R Datasheet HTML 6Page - Vicor Corporation NBM6123T60E12A7T0R Datasheet HTML 7Page - Vicor Corporation NBM6123T60E12A7T0R Datasheet HTML 8Page - Vicor Corporation NBM6123T60E12A7T0R Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
NBM™ Bus Converter
Rev 1.1
vicorpower.com
Page 5 of 26
09/2015
800 927.9474
NBM6123x60E12A7yzz
Electrical Specifications
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL
≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
General Powetrain PRIMARY to SECONDARY Specification (Forward Direction)
Primary Input Voltage range,
continuous
VPRI_DC
36
60
V
VPRI µController
VµC_ACTIVE
VPRI_DC voltage where µC is initialized,
(ie VAUX = Low, powertrain inactive)
15
V
PRI to SEC Input Quiescent Current
IPRI_Q
Disabled, EN Low, VPRI_DC = 54 V
7
mA
TINTERNAL ≤ 100ºC
12
PRI to SEC No Load Power
Dissipation
PPRI_NL
VPRI_DC = 54 V, TINTERNAL = 25ºC
10
12
W
VPRI_DC = 54 V
8
19
VPRI_DC = 36 V to 60 V, TINTERNAL = 25 ºC
14
VPRI_DC = 36 V to 60 V
22
PRI to SEC Inrush Current Peak
IPRI_INR_PK
VPRI_DC = 60 V, CSEC_EXT = 3000
µF, RLOAD_SEC = 20% of
full load current
15
A
TINTERNAL ≤ 100ºC
50
DC Primary Input Current
IPRI_IN_DC
At ISEC_OUT_DC = 170 A, TINTERNAL ≤ 100ºC
34.4
A
Transformation Ratio
K
Primary to secondary, K = VSEC_DC / VPRI_DC, at no load
1/5
V/V
Secondary Output Power
(continuous)
PSEC_OUT_DC
Specified at VPRI_DC = 60 V
2000
W
Secondary Output Power (pulsed)
PSEC_OUT_PULSE
Specified at VPRI_DC = 60 V; 10 ms pulse, 25% Duty
cycle, PSEC_AVG = 50% rated PSEC_OUT_DC
2350
W
Secondary Output Current
(continuous)
ISEC_OUT_DC
170
A
Secondary Output Current (pulsed)
ISEC_OUT_PULSE
10 ms pulse, 25% Duty cycle, ISEC_OUT_AVG = 50% rated
ISEC_OUT_DC
200
A
PRI to SEC Efficiency (ambient)
ηAMB
VPRI_DC = 54 V, ISEC_OUT_DC = 170 A
96.5
97.5
%
VPRI_DC = 36 V to 60 V, ISEC_OUT_DC = 170 A
95.6
VPRI_DC = 54 V, ISEC_OUT_DC = 85 A
97.3
98
PRI to SEC Efficiency (hot)
ηHOT
VPRI_DC = 54 V, ISEC_OUT_DC = 170 A
96.5
97.1
%
PRI to SEC Efficiency
(over load range)
η20%
34 A < ISEC_OUT_DC < 170 A
90
%
PRI to SEC Output Resistance
RSEC_COLD
VPRI_DC = 54 V, ISEC_OUT_DC = 170 A, TINTERNAL = -40°C
0.5
0.8
1.1
RSEC_AMB
VPRI_DC = 54 V, ISEC_OUT_DC = 170 A
0.8
1.3
1.8
RSEC_HOT
VPRI_DC = 54 V, ISEC_OUT_DC = 170 A, TINTERNAL = 100°C
1.1
1.55
2.0
Switching Frequency
FSW
Frequency of the Output Voltage Ripple = 2x FSW
1.02
1.07
1.12
MHz
Secondary Output Voltage Ripple
VSEC_OUT_PP
CSEC_EXT = 0
µF, ISEC_OUT_DC = 170 A, VPRI_DC = 54 V,
20 MHz BW
125
mV
TINTERNAL ≤ 100ºC
400
Primary Input Leads Inductance
(Parasitic)
LPRI_IN_LEADS
Frequency 2.5 MHz (double switching frequency),
Simulated lead model
3
nH
Secondary Output Leads Inductance
(Parasitic)
LSEC_OUT_LEADS
Frequency 2.5 MHz (double switching frequency),
Simulated lead model
0.64
nH


Similar Part No. - NBM6123T60E12A7T0R

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM6123T60E12A7T00 VICOR-NBM6123T60E12A7T00 Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123T60E12A7T01 VICOR-NBM6123T60E12A7T01 Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
More results

Similar Description - NBM6123T60E12A7T0R

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814X60E12A7YZZ VICOR-NBM3814X60E12A7YZZ Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM2317S60E1560T0R VICOR-NBM2317S60E1560T0R Datasheet
932Kb / 31P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123X60E12A7YZZ VICOR-NBM6123X60E12A7YZZ Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123T46C15A6T0R VICOR-NBM6123T46C15A6T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814X46C15A6YZZ VICOR-NBM3814X46C15A6YZZ Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM3814B60E12A7C00 VICOR-NBM3814B60E12A7C00 Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM3814B46C15A6C00 VICOR-NBM3814B46C15A6C00 Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123X46C15A6YZZ VICOR-NBM6123X46C15A6YZZ Datasheet
875Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com