Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBM6123T46C15A6T00 Datasheet(PDF) 8 Page - Vicor Corporation

Part # NBM6123T46C15A6T00
Description  Non-Isolated, Fixed Ratio DC-DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

NBM6123T46C15A6T00 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button NBM6123T46C15A6T00 Datasheet HTML 4Page - Vicor Corporation NBM6123T46C15A6T00 Datasheet HTML 5Page - Vicor Corporation NBM6123T46C15A6T00 Datasheet HTML 6Page - Vicor Corporation NBM6123T46C15A6T00 Datasheet HTML 7Page - Vicor Corporation NBM6123T46C15A6T00 Datasheet HTML 8Page - Vicor Corporation NBM6123T46C15A6T00 Datasheet HTML 9Page - Vicor Corporation NBM6123T46C15A6T00 Datasheet HTML 10Page - Vicor Corporation NBM6123T46C15A6T00 Datasheet HTML 11Page - Vicor Corporation NBM6123T46C15A6T00 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
NBMBus Converter
Rev 1.1
vicorpower.com
Page 8 of 26
09/2015
800 927.9474
NBM6123x46C15A6yzz
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Protection SECONDARY to PRIMARY (Reverse Direction)
Effective Primary Output Capacitance
(External)
CPRI_OUT_EXT
Excessive capacitance may drive module into SC
protection when starting from Secondary to Primary
300
µF
Secondary Overvoltage Lockout
Threshold
VSEC_OVLO+
16
16.7
17.4
V
Secondary Overvoltage Recovery
Threshold
VPRI_OVLO-
15.3
16
16.7
V
Secondary Overvoltage Lockout
Response Time
tPRI_OVLO
30
µs
Secondary Undervoltage Lockout
Threshold
VSEC_UVLO-
9.3
10
10.7
V
Secondary Undervoltage Recovery
Threshold
VPRI_UVLO+
10
10.7
11.4
V
Secondary Undervoltage Lockout
Response Time
tSEC_UVLO
100
µs
Primary Output Overcurrent Trip
Threshold
IPRI_OUT_OCP
Powertrain is stopped but current can flow from
Secondary to Primary through MOSFET body Diodes
59
66.7
80
A
Primary Output Overcurrent
Response Time Constant
tPRI_OUT_OCP
Effective internal RC filter
4
ms
Primary Short Circuit Protection Trip
Threshold
IPRI_SCP
Powertrain is stopped but current can flow from
Secondary to Primary through MOSFET body Diodes
80
A
Primary Short Circuit Protection
Response Time
tPRI_SCP
1
µs
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL
≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted.


Similar Part No. - NBM6123T46C15A6T00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM6123T46C15A6T00 VICOR-NBM6123T46C15A6T00 Datasheet
875Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
More results

Similar Description - NBM6123T46C15A6T00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814X60E12A7YZZ VICOR-NBM3814X60E12A7YZZ Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM2317S60E1560T0R VICOR-NBM2317S60E1560T0R Datasheet
932Kb / 31P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123X60E12A7YZZ VICOR-NBM6123X60E12A7YZZ Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814X46C15A6YZZ VICOR-NBM3814X46C15A6YZZ Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM3814B60E12A7C00 VICOR-NBM3814B60E12A7C00 Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123T60E12A7T0R VICOR-NBM6123T60E12A7T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814B46C15A6C00 VICOR-NBM3814B46C15A6C00 Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123X46C15A6YZZ VICOR-NBM6123X46C15A6YZZ Datasheet
875Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com