Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B004-DUA2-HR-K Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B004-DUA2-HR-K
Description  2-Port DVI Dual-Link / USB KVM Switch w/ Audio and Cables
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B004-DUA2-HR-K Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B004-DUA2-HR-K Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B004-DUA2-HR-K Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B004-DUA2-HR-K Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
the mouse’s scroll wheel
Switch between connected computers via front panel pushbuttons, keyboard hotkeys, and the mouse switching function*
Auto Scan mode allows you to scan the connected computers without having to manually switch between them
Supports both analog and digital video signals, allowing for the connection of a VGA computer and/or monitor with a DVI to VGA adapter
Supports digital video resolutions up to 2560 x 1600 and analog video resolutions up to 2048 x 1536
Multi-platform support – Compatible with Windows, Mac, Sun and Linux
Supports hot-plugging – Computers and devices can be unplugged and re-plugged without having to shut down the KVM switch
The KVM switch stores the monitor’s EDID (Extended Display Identification Data) to optimize display resolution
LEDs provide for easy monitoring of connected computers
Power-On-Detection recognizes when a connected computer has been powered-off and automatically switches to the next powered-on computer
HDCP compliant
Console mouse port emulation/bypass feature supports most mouse drivers and multifunction mice
Console keyboard port emulation/bypass feature supports most gaming/multimedia keyboards
Complete keyboard emulation for error-free booting
Multilingual keyboard mapping – supports English, Japanese, and French keyboards
Quick installation without the need for software
Sun/Mac keyboard support and emulation**
Firmware upgradeable
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
*The mouse switching function is disabled by default, and needs to be turned on via keyboard hotkey command. It is only available when using a mouse with a
scroll wheel.
**PC keyboard combinations emulate Sun/Mac keyboards. Sun/Mac keyboards only work with their own computers.
Specifications
OVERVIEW
Users
1
AC Adapter
Input: 100-240V, 50/60Hz, 0.5A Output: 5.3V, 2.4A
Max CPU
2
PHYSICAL
Color
Black
COMMUNICATIONS
Port Control
Push Buttons, Hotkeys
IP Remote Access
No
CONNECTIONS
Ports
2
2 / 3


Similar Part No. - B004-DUA2-HR-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B004-DUA2-K-R ETC2-B004-DUA2-K-R Datasheet
507Kb / 5P
   2-Port DVI/USB KVM Switch w/ Audio and Cables
logo
Tripp Lite. All Rights ...
B004-DUA2-K-R TRIPPLITE-B004-DUA2-K-R Datasheet
164Kb / 4P
   2-Port DVI/USB KVM Switch with Audio and Cables
More results

Similar Description - B004-DUA2-HR-K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B004DUA2HRK TRIPPLITE-B004DUA2HRK Datasheet
501Kb / 3P
   2-Port DVI Dual-Link - USB KVM Switch w- Audio and Cables
B004DUA4HRK TRIPPLITE-B004DUA4HRK Datasheet
502Kb / 3P
   4-Port DVI Dual-Link - USB KVM Switch w- Audio and Cables
B004-DUA4-HR-K TRIPPLITE-B004-DUA4-HR-K Datasheet
500Kb / 3P
   4-Port DVI Dual-Link / USB KVM Switch w/ Audio and Cables
B004-DUA2HR-K TRIPPLITE-B004-DUA2HR-K Datasheet
163Kb / 3P
   2-Port DVI Dual-Link / USB KVM Switch with Audio and Cables
B004DUA2KR TRIPPLITE-B004DUA2KR Datasheet
497Kb / 3P
   2-Port DVI-USB KVM Switch w- Audio and Cables
logo
List of Unclassifed Man...
B004-DUA2-K-R ETC2-B004-DUA2-K-R Datasheet
507Kb / 5P
   2-Port DVI/USB KVM Switch w/ Audio and Cables
logo
Tripp Lite. All Rights ...
B004DUA4KR TRIPPLITE-B004DUA4KR Datasheet
493Kb / 3P
   4-Port DVI-USB KVM Switch w-Audio and Cables
B004-DUA4-K-R TRIPPLITE-B004-DUA4-K-R Datasheet
491Kb / 3P
   4-Port DVI/USB KVM Switch w/Audio and Cables
B004-DUA2-K-R TRIPPLITE-B004-DUA2-K-R Datasheet
164Kb / 4P
   2-Port DVI/USB KVM Switch with Audio and Cables
B032-DUA2 TRIPPLITE-B032-DUA2 Datasheet
167Kb / 4P
   2-Port USB/DVI Cable KVM Switch with Audio, Cables and USB Peripheral Sharing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com